Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IMX8MNIEC Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części IMX8MNIEC
Szczegółowy opis  i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MNIEC Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button IMX8MNIEC Datasheet HTML 7Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 8Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 9Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 10Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 11Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 12Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 13Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 14Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
Modules list
i.MX 8M Nano Applications Processor Datasheet for Industrial Products, Rev. 0.1, 03/2020
NXP Semiconductors
11
SDMA
Smart Direct Memory Access
The SDMA is a multichannel flexible DMA engine. It helps in
maximizing system performance by offloading the various cores in
dynamic data routing. It has the following features:
• Powered by a 16-bit Instruction-Set micro-RISC engine
• Multi channel DMA supporting up to 32 time-division multiplexed
DMA channels
• 48 events with total flexibility to trigger any combination of
channels
• Memory accesses including linear, FIFO, and 2D addressing
• Shared peripherals between Arm and SDMA
• Very fast Context-Switching with 2-level priority based preemptive
multi tasking
• DMA units with auto-flush and prefetch capability
• Flexible address management for DMA transfers (increment,
decrement, and no address changes on source and destination
address)
• DMA ports can handle unidirectional and bidirectional flows (Copy
mode)
• Up to 8-word buffer for configurable burst transfers for EMIv2.5
• Support of byte-swapping and CRC calculations
• Library of Scripts and API is available
SJC
Secure JTAG Controller
The SJC provides JTAG interface (designed to be compatible with
JTAG TAP standards) to internal logic. The i.MX 8M Nano family of
processors uses JTAG port for system debugging.
The JTAG port must be accessible during platform initial laboratory
bring-up, for troubleshooting, as well as for software debugging by
authorized entities. The i.MX 8M Nano SJC incorporates three
security modes for protecting against unauthorized accesses.
Modes are selected through eFUSE configuration.
SNVS
Secure Non-Volatile Storage
Secure Non-Volatile Storage, including Secure Real Time Clock,
Security State Machine, Master Key Control, and Violation/Tamper
Detection and reporting.
SPDIF1
Sony Philips Digital
Interconnect Format
A standard audio file transfer format, developed jointly by the Sony
and Phillips corporations. It supports Transmitter and Receiver
functionality.
TEMPSENSOR
Temperature Sensor
Temperature sensor
TZASC
Trust-Zone Address Space
Controller
The TZASC (TZC-380 by Arm) provides security address region
control functions required for intended application. It is used on the
path to the DRAM controller.
UART1
UART2
UART3
UART4
UART Interface
Each of the UARTv2 modules supports the following serial data
transmit/receive protocols and configurations:
• 7- or 8-bit data words, 1 or 2 stop bits, programmable parity (even,
odd, or none)
• Programmable baud rates up to 4 Mbps. This is a higher max
baud rate relative to the 1.875 MHz, which is stated by the
TIA/EIA-232-F standard.
• 32-byte FIFO on Tx and 32 half-word FIFO on Rx supporting
auto-baud
Table 3. i.MX 8M Nano modules list (continued)
Block mnemonic
Block name
Brief description


Podobny numer części - IMX8MNIEC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results

Podobny opis - IMX8MNIEC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
   i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
IMX8ULPIEC NXP-IMX8ULPIEC Datasheet
1Mb / 100P
   i.MX 8ULP Applications Processor-Industrial Products
Rev. 1 - 09/2023
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com