Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

HM6245 Dane(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Numer części HM6245
Szczegółowy opis  1A Low Power LDO
Pobierz  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Strona internetowa  http://www.hmsemi.com/
Logo 

HM6245 Datasheet(Arkusz danych) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Ver1.6
6
Mar 3,2015
Absolute Maximum Ratings
Supply Voltage ................................-0.3V to 8.5V
Output Current
……………………………..1.1A
Operating Temperature .................-40℃ to 85℃
Storage Temperature ..................-40℃ to 125℃
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum
Ratings
” may cause substantial damage to the device. Functional operation of this device at other
conditions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
Electrical Characteristics
for any output voltage
(Ta=25℃)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
Vin=Vout+1V
1.0mA≤Iout≤30mA
Vout×0.98
--
Vout×1.02
V
IOUT
Output Current*1
Vin-Vout=1V
--
1000
--
mA
VDROP
Low dropout*2
Refer to the next table
OUT
IN
OUT
V
V
V
Line Regulation
1.6V≤Vin≤8V
Iout=100mA
--
0.05
0.2
%/V
ΔVOUT ΔIOUT
△Vout /
ΔIout
Vin= Vout+1V
1.0mA≤Iout≤100mA
--
12
30
mV
Output voltage
Temperature
Coefficiency
△Vout/(Ta·Vout)
Iout=30mA
0℃≤Ta≤70℃
--
±100
--
Ppm/℃
Supply Current
Iss
--
--
2
5
uA
Input Voltage
Vin
--
--
--
8.5
V
Electrical Characteristics by Output Voltage:
Output Voltage Vout(V)
Dropout Voltage Vdif(V)
Conditions
Typ.
Max.
Vout ≤ 2.0V
Iout=60 mA
0.05
0.08
2.0 < Vout ≤ 3.0
Iout=80 mA
0.05
0.08
3.0 < Vout ≤ 4.0
Iout=100 mA
0.06
0.08
4.0 < Vout ≤ 5.0
0.05
0.08
3.0 < Vout ≤ 4.0
Iout=200 mA
0.13
0.16
4.0 < Vout ≤ 5.0
0.12
0.16
3.0 < Vout ≤ 4.0
Iout=1000 mA
0.65
0.8
4.0 < Vout ≤ 5.0
0.6
0.8
1A Low Power LDO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn