Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

HM6245 Dane(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Numer części HM6245
Szczegółowy opis  1A Low Power LDO
Pobierz  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Strona internetowa  http://www.hmsemi.com/
Logo 

HM6245 Datasheet(Arkusz danych) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1A Low Power LDO
Ver1.6
1
Mar 3,2015
Features
Low voltage drop: 0.06V@100mA
High input voltage: 8.5V
Low temperature coefficient
Low Quiescent Current:
2uA at
5.0V
Output voltage accuracy: tolerance ±2%
Applications
Battery-powered equipment
Hand-Hold Equipment
GRS Receivers
Wireless LAN
General Description
The HM6245 series is a group of positive
voltage output, three-pin regulators, that
provide a high current even
when the
input/output voltage differential is small. Low
power consumption and high accuracy is
achieved through CMOS and laser trimming
technologies.
The HM6245 consists of a high-precision
voltage reference, an error amplification circuit,
and a current limited output driver. Transient
response to load variations have improved in
comparison to the existing series.
SOT89-3
SOT89-5
TO92
SOT223
TO252
TO263 and TO220 packages are available.
Order Information
HM6245
P②③①④
Designator
Symbol
Description
M5
Package:SOT23-5
P
Package:SOT89A
PB
Package:SOT89B
P5
Package:SOT89-5
TB
Package:TO220
②③
Integer
Output Voltage(2.1~5.0V)
R
RoHS / Pb Free
G
Halogen Free
Typical Application
Note1:Input capacitor
CIN=1uF.
Note2:Ouput capacitor COUT=1uF/6.8uF(1uF Tantalum capacitor or 6.8uF ceramic capacitor is
recommended).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn