Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HM7325 Arkusz danych(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Numer części HM7325
Szczegółowy opis  300mA Low Power LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Strona internetowa  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7325 Arkusz danych(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7325 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7325 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Electrical Characteristics
H 7325xx, +2.5V Output Type
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
3.5V
IOUT=40mA
2.45
2.500
2.55
V
IOUT
Output Current
3.5V
-
180
250
-
mA
Δ
VOUT
Load Regulation
3.5V
1mA≤IOUT≤60mA
-
45
90
mV
VDIF
Voltage Drop(Note)
-
IOUT=40mA, ΔVOUT=2%
-
100
-
mV
ISS
Current Consumption
3.5V
No load
-
2.5
3
μ
A
OUT
IN
Δ
OUT
V
V
V
×
Δ
Line Regulation
-
3.5V≤VIN≤12V
IOUT=40mA
-
0.2
-
%/V
VIN
Input Voltage
-
-
-
-
15
V
Temperature Coefficient
3.5V
IOUT=40mA
-40℃<Ta<85℃
-
±
0.5
-
mV/℃
Ta
V
OUT
Δ
Δ
Note: Dropout voltage is defined as the input voltage minus the output voltage that produces a 2%
change in the output voltage from the value at VIN = VOUT+1V with a fixed load.
H 7327xx, +2.7V Output Type
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
3.7V
IOUT=10mA
2.646
2.700
2.754
V
IOUT
Output Current
3.7V
-
200
250
-
mA
Δ
VOUT
Load Regulation
3.7V
1mA≤IOUT≤60mA
-
45
90
mV
VDIF
Voltage Drop(Note)
-
IOUT=40mA, ΔVOUT=2%
-
100
-
mV
ISS
Current Consumption
3.7V
No load
-
2.5
3
μ
A
OUT
IN
Δ
OUT
V
V
V
×
Δ
Line Regulation
-
3.7V≤VIN≤12V
IOUT=40mA
-
0.2
-
%/V
VIN
Input Voltage
-
-
-
-
15
V
Temperature Coefficient
3.7V
IOUT=10mA
-40℃<Ta<85℃
-
±
0.5
-
mV/℃
Ta
V
OUT
Δ
Δ
Note: Dropout voltage is defined as the input voltage minus the output voltage that produces a 2%
change in the output voltage from the value at VIN = VOUT+1V with a fixed load.
Ver1.0 
Mar 3,2010 
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
                    
    
0mA Low Po
 


Podobny numer części - HM7325

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Huazhimei Semi...
HM7325H HMSEMI-HM7325H Datasheet
1Mb / 15P
   300mA Low Power LDO
More results

Podobny opis - HM7325

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
logo
Orister Corporation
RS7100 ORISTER-RS7100 Datasheet
1Mb / 12P
   Low Power 300mA CMOS LDO
logo
Micrel Semiconductor
MIC5396 MICREL-MIC5396 Datasheet
84Kb / 2P
   Low-Power Dual 300mA LDO
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Seaward Electronics Inc...
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com