Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HM8118 Arkusz danych(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Numer części HM8118
Szczegółowy opis  0.8A/40V Input竊?00kHz Synchronous Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Strona internetowa  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8118 Arkusz danych(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8118 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Steady State Test
Light Load Operation
Vin=12V,Vout=5.0V,Lout=800mA
Vin=12V,Vout=5.0V, Iout=0A
VO_AC
VSW
IL
VO_AC
VSW
IL
Medium Load Operation
Startup through Enable
Vin=12V,Vout=5.0V,Lout=400mA
Vin=12V,Vout=5.0V,Lout=800mA(Resistive load)
VO_AC
VSW
IL
VEN
VO
VSW
IL
Shutdown through Enable
Load Transient
Vin=12V,Vout=5.0V,Lout=800mA(Resistive load)
Load:300mA ->800mA ->300mA
VEN
VO
VSW
IL
VO_AC
IL
Short Circuit Protection
Short Circuit Protection
Vin=12V,Vout=5.0V,Lout=800mA - Short
Vin=12V,Vout=5.0V,Lout= Short - 800mA
VO
VSW
IL
VO
VSW
IL
HM8118


Podobny numer części - HM8118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
HM8118 ETC1-HM8118 Datasheet
987Kb / 2P
   LCR Bridge
More results

Podobny opis - HM8118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TECH PUBLIC Electronics...
TP6841S6 TECHPUBLIC-TP6841S6 Datasheet
2Mb / 9P
   40V 0.8A 800khz Synchronous Step-Dowm Converter
logo
SHANGHAI BELLING CO., L...
BL9341 BELLING-BL9341 Datasheet
8Mb / 8P
   600mA, 40V Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC5015A E-CMOS-EC5015A Datasheet
555Kb / 10P
   2A, 40V Synchronous Step-Down Converter
logo
Linear Technology
LTC3646 LINER-LTC3646_15 Datasheet
448Kb / 28P
   40V, 1A Synchronous Step-Down Converter
LTC3646-1 LINER-LTC3646-1_15 Datasheet
448Kb / 28P
   40V, 1A Synchronous Step-Down Converter
LTC3646 LINER-LTC3646 Datasheet
586Kb / 28P
   40V, 1A Synchronous Step-Down Converter
36461fc
logo
Shenzhen Huazhimei Semi...
HM2259D HMSEMI-HM2259D Datasheet
1Mb / 9P
   2A, 4.5V-20V Input竊?MHz Synchronous Step-Down Converter
HM1595 HMSEMI-HM1595 Datasheet
522Kb / 4P
   2A竊?0V Synchronous Rectified Step-Down Converter
logo
SHOUDING Shouding Semic...
SD8942 SHOUDING-SD8942 Datasheet
942Kb / 7P
   600KHz, 16V竊?A Synchronous Step-Down Converter
logo
List of Unclassifed Man...
MT2482 ETC1-MT2482 Datasheet
711Kb / 11P
   1.4MHz, 18V竊?A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com