Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

SF11G Dane(HTML) 1 Page - HY ELECTRONIC CORP.

Numer części SF11G
Szczegółowy opis  Super Fast Glass Passivated Rectifiters
Pobierz  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  HY [HY ELECTRONIC CORP.]
Strona internetowa  http://www.hygroup.com.tw
Logo 

SF11G Datasheet(Arkusz danych) 1 Page - HY ELECTRONIC CORP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
DO-41
Fast switching for high efficiency
Low cost
RoHS
Low reverse leakage current
COMPLIANT
High current capability
Low forward voltage drop
Meet UL flammability classification 94V-0
Mechanical Data
Case: JEDEC DO-41 Molded plastic
Polarity: Color band denotes cathode
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
For use in SMPS, high frequency inverters, PWM and polarity
protection applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
SF11G
SF12G
SF13G
SF14G
SF15G
SF16G
SF18G
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Maximum Average Forward Rectified Current @TA=55℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 1.0A DC (Note1)
VF
1.7
V
Maximum DC Reverse Current @TJ=25℃
at Rated DC Blocking Voltage @TJ=100℃
Maximum Reverse Recovery Time (Note 2)
Trr
nS
Typical Junction Capacitance (Note3)
CJ
pF
Typical Thermal Resistance Junction to Ambient
RθJA
℃/W
Operating Junction Temperature Range
TJ
Storage Temperature Range
TSTG
4. The typical data above is for reference only
SF1*G-A-00-00
Rev. 11, 18-May-2020
Notes: 1. 300uS pulse width, 2%duty cycle. 3
2. Measured with IF=0.5A,IR=1A,IRR=0.25A .
Package Outline Dimensions in Inches (Millimeters)
35
30
25
100
SF11G THRU SF18G
40
-55 to +150
-55 to +150
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0 Amperes
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
www.hygroup.com.tw
Super Fast Glass Passivated Rectifiters
IFSM
IR
Pb
A
μA
30
1.0
0.95
1.3
5.0


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn