Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SGBJ50 Arkusz danych(PDF) 1 Page - HY ELECTRONIC CORP.

Numer części SGBJ50
Szczegółowy opis  Glass Passivated 3 Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HY [HY ELECTRONIC CORP.]
Strona internetowa  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SGBJ50 Arkusz danych(HTML) 1 Page - HY ELECTRONIC CORP.

  SGBJ50 Datasheet HTML 1Page - HY ELECTRONIC CORP. SGBJ50 Datasheet HTML 2Page - HY ELECTRONIC CORP. SGBJ50 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
SGBJ
Low forward voltage drop
High current capability
RoHS
High reliability
COMPLIANT
Meet UL flammability classification 94V-0
Mechanical Data
Case: Epoxy case with heat sink
Polarity: Symbol marked on body
Mounting position:
Bolt pass through the mounting hole of body
then fixto heat sink
Maximum Mounting torque (M4)
1: 0.8 N.m
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
For use in high power supply inverters,servo
motor and welding machine applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Peak Non-Repetitive Reverse Voltage
VRSM
V
Maximum Average Forward Rectified Current @TC=110 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2 t
A
2 S
Peak Forward Voltage per Diode at 25A DC
VF
V
Maximum DC Reverse Current at Rated @TJ=25℃
μA
DC Blocking Voltage per Diode @TJ=150℃
mA
Typical Thermal Resistance to Case
RθJC
℃/W
RMS lsolation Voltage from Case to Lead
VISO
V
Operating Junction Temperature Range
TJ
Storage Temperature Range
TSTG
Notes: 1. Surface roughness of Heat sink <0.05mm
2. The typical data above is for reference only
SGBJ50*-U-00/99/92-00/01
Rev. 11, 18-May-2020
www.hygroup.com.tw
Glass Passivated 3 Phase Bridge Rectifier
2500
-55 to +150
-55 to +125
1700
50
560
700
840
1120
800
1000
1200
1600
-08
Characteristics
Symbol
IFSM
IR
Unit
A
450
840
1.1
5
3
0.8
900
1100
1300
-10
-12
-16
800
1000
1200
1600
SGBJ50 SERIES
Reverse Voltage - 800 to 1600Volts
Forward Current - 50 Amperes
Package Outline Dimensions in Inches (Millimeters)
SGBJ50
SGBJ50
SGBJ50
SGBJ50
Pb


Podobny numer części - SGBJ50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
SGBJ15D SMSC-SGBJ15D Datasheet
92Kb / 2P
   Glass Passivated Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
SGBJ15D ETC2-SGBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SMSC Corporation
SGBJ15G SMSC-SGBJ15G Datasheet
92Kb / 2P
   Glass Passivated Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
SGBJ15G ETC2-SGBJ15G Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SMSC Corporation
SGBJ15J SMSC-SGBJ15J Datasheet
92Kb / 2P
   Glass Passivated Single Phase Bridge Rectifiers
More results

Podobny opis - SGBJ50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HY ELECTRONIC CORP.
KBP3005G HY-KBP3005G Datasheet
143Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SH50VB80 HY-SH50VB80 Datasheet
133Kb / 2P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3500GW HY-SBR3500GW Datasheet
155Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR5000G HY-SBR5000G Datasheet
179Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SMT50GW HY-SMT50GW Datasheet
376Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SC50VB80 HY-SC50VB80_V01 Datasheet
361Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SH50VBW HY-SH50VBW Datasheet
341Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SBR35GW HY-SBR35GW Datasheet
363Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com