Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WSD2098 Arkusz danych(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Numer części WSD2098
Szczegółowy opis  Dual N-Ch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Strona internetowa  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD2098 Arkusz danych(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD2098 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2098 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2098 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2098 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2098 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2098 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2098 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
20
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.022
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=4.5V , ID=
5.5A
---
m
Ω
VGS=2.5V , ID=
5.5A
---
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
0.
5
0.
7
1.
0
V
VGS(th)
VGS(th) Temperature Coefficient
---
-2.32
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=16V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=16V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±12V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=10A
---
65
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
11
---
Ω
Qg
Total Gate Charge (4.5V)
VDS=1
0V , VGS=4.5V , ID=5.5A
10
23.2
15
nC
Qgs
Gate-Source Charge
---
1.9
---
Qgd
Gate-Drain Charge
---
4.8
---
Td(on)
Turn-On Delay Time
VDD=10V , VGS=
10V , RG=1Ω,
ID=1A
,RL=10Ω
---
8
---
ns
Tr
Rise Time
---
20
---
Td(off)
Turn-Off Delay Time
---
935
---
Tf
Fall Time
---
410
---
Ciss
Input Capacitance
VDS=1
0V , VGS=0V , f=1MHz
1470
pF
Coss
Output Capacitance
258
Crss
Reverse Transfer Capacitance
202
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,4
VG=VD=0V , Force Current
---
---
2
A
ISM
Pulsed Source Current
2,4
---
---
8
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=1A , TJ=25℃
---
0.7
1.
3
V
trr
Reverse Recovery Time
IF=5.5A
,dI/dt=100A/µs , TJ=25℃
---
445
---
nS
Qrr
Reverse Recovery Charge
---
2175
---
nC
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper, t<10sec.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The power dissipation is limited by 150℃ junction temperature
4.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
7.0
9.0
13.5
10.5
WSD2098
Page 2
www.winsok.tw
Dec.2014
Dual N-Ch MOSFET
---
---
---
---
---
---


Podobny numer części - WSD2098

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Guan Hua Wei Y...
WSD20100DN56 WIINSOK-WSD20100DN56 Datasheet
2Mb / 5P
   Load Switch Power System
WSD2010DN25 WIINSOK-WSD2010DN25 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSD2012DN25 WIINSOK-WSD2012DN25 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSD2018ADN22 WIINSOK-WSD2018ADN22 Datasheet
1Mb / 6P
   High Frequency Point-of-Load Synchronous Small power switching for MB/NB/UMPC/VGA
WSD2018DN22 WIINSOK-WSD2018DN22 Datasheet
3Mb / 6P
   N-Ch MOSFET
More results

Podobny opis - WSD2098

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Guan Hua Wei Y...
WSD4066DN WIINSOK-WSD4066DN Datasheet
1Mb / 7P
   Dual N-Ch MOSFET
WSD6056DN56 WIINSOK-WSD6056DN56 Datasheet
586Kb / 5P
   Dual N-Ch MOSFET
WSP6956 WIINSOK-WSP6956 Datasheet
2Mb / 7P
   Dual N-Ch MOSFET
WSD2068 WIINSOK-WSD2068 Datasheet
890Kb / 6P
   Dual N-Ch MOSFET
WSD2054DN22 WIINSOK-WSD2054DN22 Datasheet
620Kb / 5P
   Dual N-Ch MOSFET
WSD3020DN WIINSOK-WSD3020DN Datasheet
1Mb / 5P
   Dual N-Ch MOSFET
WSP6946 WIINSOK-WSP6946 Datasheet
1Mb / 5P
   Dual N-Ch MOSFET
WST8205A WIINSOK-WST8205A Datasheet
1Mb / 5P
   Dual N-Ch MOSFET
WSF4022 WIINSOK-WSF4022 Datasheet
749Kb / 8P
   Dual N-Ch MOSFET
WST3392 WIINSOK-WST3392 Datasheet
705Kb / 5P
   Dual N-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com