Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM79514-1JC Arkusz danych(PDF) 4 Page - Advanced Micro Devices

Numer części AM79514-1JC
Szczegółowy opis  Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79514-1JC Arkusz danych(HTML) 4 Page - Advanced Micro Devices

  AM79514-1JC Datasheet HTML 1Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 2Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 3Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 4Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 5Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 6Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 7Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 8Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Am79514 Data Sheet
PIN DESCRIPTIONS
Pin Names
Type
Description
AGND
Gnd
Analog ground.
A(TIP)
Output
Output of A(TIP) power amplifier.
BGND
Gnd
Battery (power) ground.
B(RING)
Output
Output of B(RING) power amplifier.
C3–C1
Inputs
Decoder. TTL compatible. C3 is MSB and C1 is LSB.
C4
Input
Test relay driver command. TTL compatible. A logic High enables the driver.
DGND
Gnd
Digital ground.
CHCLK
Input
Chopper clock. Input to switching regulator (TTL compatible) Frequency = 256 kHz (nominal).
CHS
Input
Chopper stabilization. Connection for external stabilization components.
DA
Input
Ring-Trip negative. Negative input to ring-trip comparator.
DB
Input
Ring-Trip positive. Positive input to ring-trip comparator.
DET
Output
Detector. When enabled, a logic Low indicates that the selected detector is tripped. The detector
is selected by the logic inputs (C3–C1 and E1). The output is open-collector with a built-in 15 k
pull-up resistor.
E0
Input
Read enable. A logic High enables DET. A logic Low disables DET.
E1
Input
Ground key enable. E1 = High connects the ground-key detector to DET, and E1 = Low connects
the off-hook or ring-trip detector to DET.
HPA
Capacitor
High-pass filter capacitor. A(TIP) side of high-pass filter capacitor.
HPB
Capacitor
High-pass filter capacitor. B(RING) side of high-pass filter capacitor.
L
Output
Switching regulator power transistor. Connection point for filter inductor and anode of catch diode.
This pin will have up to 60 V of pulse waveform on it and must be isolated from sensitive circuits.
Extreme care must be taken to keep the diode connections short because of the high currents and
high di/dt.
QBAT
Battery
Quiet battery. Filtered battery supply for the signal processing circuits. An external 100
Ω, 1/8 Ω
resistor must be connected between QBAT and VBAT pins.
RD
Resistor
Detect resistor. Threshold modification and filter point for the off-hook detector.
RDC
Resistor
DC feed resistor. Connection point for the DC feed current programming network. The other end
of the network connects to the receiver summing node (RSN). The sign of VRDC is negative for nor-
mal polarity and positive for reverse polarity.
RINGOUT
Output
Ring relay driver. Sourcing from BGND with internal diode to QBAT.
RSN
Input
Receive summing node. The metallic current (both AC and DC) between A(TIP) and B(RING) is
equal to 1000 times the current into this pin. The networks that program receive gain, two-wire
impedance, and feed current all connect to this node. This node is extremely sensitive. Care should
be taken to route the 256-kHz chopper clock and switch lines away from the RSN node.
TESTOUT
Output
Test relay driver. Sourcing from BGND with internal diode to QBAT.
TP
Thermal
Thermal pin. Connection for heat dissipation. Internally connected to substrate (QBAT).
Leave as open circuit or connected to QBAT. In both cases, the TP pins can connect to
an area of copper on the board to enhance heat dissipation.
VBAT
Battery
Battery Supply.
VCC
Power
+5 V power supply.
VEE
Power
–5 V power supply.
VREG
Input
Regulated voltage. Provides negative power supply for power amplifiers, connection point for
inductor, filter capacitor, and chopper stabilization.
VTX
Output
Transmit audio. This output is a unity gain version of the A(TIP) and B(RING) metallic voltage. The
other end of the two-wire input impedance programming network connects here.


Podobny numer części - AM79514-1JC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM79534 AMD-AM79534 Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
AM79534-1DC AMD-AM79534-1DC Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
AM79534-1JC AMD-AM79534-1JC Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
AM79534-2DC AMD-AM79534-2DC Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
AM79534-2JC AMD-AM79534-2JC Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
More results

Podobny opis - AM79514-1JC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com