Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BQ21062 Arkusz danych(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Numer części BQ21062
Szczegółowy opis  BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

BQ21062 Arkusz danych(HTML) 14 Page - Texas Instruments

Back Button BQ21062 Datasheet HTML 10Page - Texas Instruments BQ21062 Datasheet HTML 11Page - Texas Instruments BQ21062 Datasheet HTML 12Page - Texas Instruments BQ21062 Datasheet HTML 13Page - Texas Instruments BQ21062 Datasheet HTML 14Page - Texas Instruments BQ21062 Datasheet HTML 15Page - Texas Instruments BQ21062 Datasheet HTML 16Page - Texas Instruments BQ21062 Datasheet HTML 17Page - Texas Instruments BQ21062 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
VINLS (V)
3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9
4
4.1 4.2 4.3 4.4
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
D006
TJ = -40C
TJ = 25C
TJ = 85C
VBAT = 4.4 V
ILOAD = 150 mA
Figure 8-11. LDO Line Regulation (VLDO = 3.3 V)
VINLS (V)
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
3.4
3.425
3.45
3.475
3.5
3.525
3.55
3.575
3.6
3.625
3.65
D007
TJ = -40C
TJ = 25C
TJ = 85C
VBAT = 4.4 V
ILOAD = 150 mA
Figure 8-12. LDO Line Regulation (VLDO = 3.6 V)
PMID Load Current (A)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
D001
PMID_REG = 0
PMID_REG = 1
PMID_REG = 2
PMID_REG = 3
PMID_REG = 4
PMID_REG = 5
PMID_REG = 6
PMID_REG = 7
VBAT = 0 V
Figure 8-13. PMID Load Regulation
PMID Load (A)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
4.44
4.46
4.48
4.5
4.52
D003
TJ = -40°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
VBAT = 3.6 V
VIN = 5 V
Figure 8-14. PMID Load Regulation vs.
Temperature
Temperature(qC)
50
60
70
80
90
100
110
120
130
0
10
20
30
40
50
60
70
80
90
100
D004
THERM_REG = 0
THERM_REG = 1
THERM_REG = 2
THERM_REG = 3
THERM_REG = 4
THERM_REG = 5
THERM_REG = 6
THERM_REG = 7
VBAT = 3.6 V
VIN = 5 V
Figure 8-15. Charge Current Thermal Regulation
BQ21062
SLUSE42 – JULY 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ21062


Podobny numer części - BQ21062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPR TI1-BQ21061YFPR Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPT TI1-BQ21061YFPT Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
More results

Podobny opis - BQ21062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
[Old version datasheet]   BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ25157 TI-BQ25157 Datasheet
2Mb / 110P
[Old version datasheet]   BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
[Old version datasheet]   BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com