Zakładka z wyszukiwarką danych komponentów |
|
CC3130 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
CC3130 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 75 page 2 Applications • For Internet of Things applications, such as: – Building and home automation: • HVAC systems & thermostat • Video surveillance, video doorbells, and low- power cameras • Building security system, electronic smart lock • Smoke detector • Water leak detector – Appliances • Smart home remote control – Asset tracking – Factory automation – Medical and healthcare • CPAP – Grid infrastructure 3 Description Connect any microcontroller (MCU) to the Internet of Things (IoT) with the CC3130 device from Texas Instruments. The SimpleLink™ Wi-Fi® CC3130 Internet-on-a chip™ device contains an Arm® Cortex®-M3 MCU dedicated to Wi-Fi® and internet protocols, in order to offload networking activities from the host MCU. The subsystem includes an 802.11b/g/n radio, baseband, and MAC with a powerful crypto engine for fast, secure Internet connections with 256-bit encryption and a built in power management for best in class low power performance. The Wi-Fi CERTIFIED® CC3130 device dramatically simplifies the implementation of low-power, with the integrated Wi-Fi Alliance® IoT low power feature. This generation introduces new capabilities that further simplify the connectivity of things to the internet. The main new features include: • Bluetooth® Low Energy and Wi-Fi 2.4-GHz radio coexistence (CC13x2/CC26x2) • Antenna selection • Up to 16 concurrent secure sockets • Certificate sign request (CSR) • Online certificate status protocol (OCSP) • Wi-Fi Alliance® certified IoT power-saving features (such as BSS max idle, DMS, and proxy ARP) • Hostless mode for offloading template packet transmissions • Network-assisted roaming The CC3130 device is delivered with a slim and user-friendly host driver to simplify the integration and development of networking applications. The host driver can easily be ported to most platforms and operating systems (OS). The driver has a small memory footprint and can run on 8-bit, 16-bit, or 32-bit microcontrollers with any clock speed (no performance or real-time dependency). The CC3130 device is part of the SimpleLink™ MCU platform, a common, easy-to-use development environment based on a single core software development kit (SDK), rich tool set, reference designs and E2E™ community which supports Wi-Fi®, Bluetooth® low energy, Sub-1 GHz and host MCUs. For more information, visit www.ti.com/simplelink. Device Information (1) PART NUMBER PACKAGE BODY SIZE CC3130RNMRGKR VQFN (64) 9.00 mm × 9.00 mm (nom) (1) For more information, see the Mechanical, Packaging, and Orderable Information section. CC3130 SWRS227 – MARCH 2020 www.ti.com 2 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated |
Podobny numer części - CC3130 |
|
Podobny opis - CC3130 |