Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DRV8353M Arkusz danych(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Numer części DRV8353M
Szczegółowy opis  DRV8353M 100-V Three-Phase Smart Gate Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DRV8353M Arkusz danych(HTML) 37 Page - Texas Instruments

Back Button DRV8353M Datasheet HTML 33Page - Texas Instruments DRV8353M Datasheet HTML 34Page - Texas Instruments DRV8353M Datasheet HTML 35Page - Texas Instruments DRV8353M Datasheet HTML 36Page - Texas Instruments DRV8353M Datasheet HTML 37Page - Texas Instruments DRV8353M Datasheet HTML 38Page - Texas Instruments DRV8353M Datasheet HTML 39Page - Texas Instruments DRV8353M Datasheet HTML 40Page - Texas Instruments DRV8353M Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
50 us should be allowed for the power up auto calibration routine to complete after the VREF pin voltage crosses
the minimum VREF operational voltage. The auto calibration functions by doing a trim routine of the amplifier to
minimize the amplifier input offset. After this the amplifiers are ready for normal operation.
For the SPI device options, auto calibration can also be done again during run time by enabling the AUTO_CAL
register setting. Auto calibration can then be commanded with the corresponding CSA_CAL_X register setting to
rerun the auto calibration routine. During auto calibration all of the amplifiers will be configured for the max gain
setting in order to improve the accuracy of the calibration routine.
13.3.4.4 MOSFET VDS Sense Mode (SPI Only)
The current-sense amplifiers on the DRV8353M SPI devices can be configured to amplify the voltage across the
external low-side MOSFET VDS. This allows for the external controller to measure the voltage drop across the
MOSFET RDS(on) without the shunt resistor and then calculate the half-bridge current level.
To enable this mode set the CSA_FET bit to 1. The positive input of the amplifier is then internally connected to
the SHx pin with an internal clamp to prevent high voltage on the SHx pin from damaging the sense amplifier
inputs. During this mode of operation, the SPx pins should stay connected to the source of the low-side
MOSFET as it serves as the reference for the low-side gate driver. When the CSA_FET bit is set to 1, the
negative reference for the low-side VDS monitor is automatically set to SNx, regardless of the state of the
LS_REF bit state. This setting is implemented to prevent disabling of the low-side VDS monitor.
If the system operates in MOSFET VDS sensing mode, route the SHx and SNx pins with Kelvin connections
across the drain and source of the external low-side MOSFETs.
GHx
SHx
GLx
GND
VDRAIN
SNx
SPx
AV
SOx
0
1
CSA_FET = 0
LS_REF = 0
(SPI only)
VDRAIN
+
VDS
Low-Side
VDS Monitor
+
VDS
High-Side
VDS Monitor
10 k
10 k
10 k
±
±
RSEN
VCP
VGLS
Figure 13-28. Resistor Sense Configuration
www.ti.com
DRV8353M
SLVSFO2 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: DRV8353M


Podobny numer części - DRV8353M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DRV8353 TI1-DRV8353 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353F TI-DRV8353F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8353FHRTAR TI-DRV8353FHRTAR Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
More results

Podobny opis - DRV8353M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320 Datasheet
2Mb / 80P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8300U TI-DRV8300U Datasheet
1Mb / 29P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
JULY 2022
DRV8300U TI-DRV8300U_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V02 Datasheet
2Mb / 34P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300-Q1 TI-DRV8300-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com