Zakładka z wyszukiwarką danych komponentów |
|
DRV8714-Q1 Arkusz danych(PDF) 12 Page - Texas Instruments |
|
|
DRV8714-Q1 Arkusz danych(HTML) 12 Page - Texas Instruments |
12 / 144 page 4.9 V ≤ VPVDD ≤ 37 V, –40°C ≤ TJ ≤ 150°C (unless otherwise noted). Typical limits apply for VPVDD = 13.5 V and TJ = 25°C. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT IDVDDQ DVDD sleep mode current VPVDD, VDRAIN = 13.5 V, nSLEEP = 0 V –40 ≤ TJ ≤ 85°C 1.25 7 µA IPVDD PVDD active mode current VPVDD, VDRAIN = 13.5 V, nSLEEP = 5 V 13.5 15.5 mA IDRAIN DRAIN active mode current VPVDD, VDRAIN = 13.5 V, nSLEEP = 5 V, VDS_LVL ≤ 500 mV 1.25 1.65 mA IDVDD DVDD active mode current VDVDD = 5 V, SDO = 0 V DRV8718-Q1 RVJ, DRV8714-Q1 RVJ 8 10 mA VDVDD = 5 V, SDO = 0 V DRV8714-Q1 RHA 10 13 mA fDVDD Digital oscilator switching frequency Primary frequency of spread spectrum. 14.25 MHz tWAKE Turnon time nSLEEP = 5 V to active mode 1 ms tSLEEP Turnoff time nSLEEP = 0 V to sleep mode 1 ms VVCP Charge pump regulator voltage with respect to PVDD Triple mode VPVDD ≥ 9 V, IVCP ≤ 30 mA 9.5 10.5 11 V VPVDD = 7 V, IVCP ≤ 25 mA 8.5 9 11 VPVDD = 4.9 V, IVCP ≤ 12 mA 7 7.5 11 Charge pump regulator voltage with respect to PVDD Double mode VPVDD ≥ 13 V, IVCP ≤ 25 mA 9.5 10.5 11 V VPVDD = 9 V, IVCP ≤ 13.5 mA 7 8 11 VPVDD = 7 V, IVCP ≤ 10 mA 5.4 6 11 fVCP Charge pump switching frequency Primary frequency of spread spectrum. 400 kHz LOGIC-LEVEL INPUTS (BRAKE, DRVOFF/nFLT, INx/EN, INx/PHx, nSLEEP, nSCS, SCLK, SDI) VIL Input logic low voltage DRVOFF/nFLT, INx/ENx, INx/PHx, nSLEEP, SCLK, SDI 0 VDVDD x 0.3 V BRAKE 0 0.6 VIH Input logic high voltage DRVOFF/nFLT, INx/ENx, INx/PHx, nSLEEP, SCLK, SDI VDVDD x 0.7 5.5 V BRAKE 1.8 5.5 VHYS Input hysteresis DRVOFF/nFLT, INx/ENx, INx/PHx, nSLEEP, SCLK, SDI VDVDD x 0.1 V BRAKE 0.5 IIL Input logic low current VDIN = 0 V, BRAKE, DRVOFF/nFLT, INx/ ENx, INx/PHx, nSLEEP, SCLK, SDI –5 5 µA VDIN = 0 V, nSCS 50 100 IIH Input logic high current VDIN = 5 V, DRVOFF/nFLT, INx/ENx, INx/ PHx, nSLEEP, SCLK, SDI 50 100 µA VDIN = 5 V, VDVDD = 5 V, nSCS –5 5 VDIN = 5 V, nSLEEP = 0V, BRAKE 5 10 µA VDIN = 5 V, nSLEEP = 5V, BRAKE 35 100 µA RPD Input pulldown resistance To GND, DRVOFF/nFLT, INx/ENx, INx/ PHx, nSLEEP, SCLK, SDI 50 100 150 kΩ BRAKE to GND, nSLEEP = 0 V, BRAKE = 5V 4.9 V ≤ VPVDD ≤ 28 V 500 1000 1500 kΩ BRAKE to GND, nSLEEP = 5 V, BRAKE = 5V 4.9 V ≤ VPVDD ≤ 28 V 50 136 200 kΩ RPU Input pullup resistance To DVDD, nSCS 50 100 150 kΩ MULTI-LEVEL INPUTS (GAIN, IDRIVE, MODE, VDS) VQI1 Quad-level input 1 GAIN, MODE Voltage to set level 1 0 VDVDD x 0.1 V DRV8714-Q1, DRV8718-Q1 SLVSEA2 – AUGUST 2020 www.ti.com 12 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated Product Folder Links: DRV8714-Q1 DRV8718-Q1 |
Podobny numer części - DRV8714-Q1 |
|
Podobny opis - DRV8714-Q1 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |