Zakładka z wyszukiwarką danych komponentów |
|
ISO6741-Q1 Arkusz danych(PDF) 20 Page - Texas Instruments |
|
|
ISO6741-Q1 Arkusz danych(HTML) 20 Page - Texas Instruments |
20 / 35 page 8.3 Feature Description Table 8-1 provides an overview of the device features. Table 8-1. Device Features PART NUMBER CHANNEL DIRECTION MAXIMUM DATA RATE DEFAULT OUTPUT PACKAGE RATED ISOLATION(1) ISO6741-Q1 3 Forward, 1 Reverse 50 Mbps High DW-16 5000 VRMS / 8000 VPK ISO6741F-Q1 3 Forward, 1 Reverse 50 Mbps Low DW-16 5000 VRMS / 8000 VPK (1) See for detailed isolation ratings. 8.3.1 Electromagnetic Compatibility (EMC) Considerations Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge (ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances are regulated by international standards such as IEC 61000-4-x and CISPR 25. Although system-level performance and reliability depends, to a large extent, on the application board design and layout, the ISO674x- Q1 family of devices incorporates many chip-level design improvements for overall system robustness. Some of these improvements include: • Robust ESD protection cells for input and output signal pins and inter-chip bond pads. • Low-resistance connectivity of ESD cells to supply and ground pins. • Enhanced performance of high voltage isolation capacitor for better tolerance of ESD, EFT and surge events. • Bigger on-chip decoupling capacitors to bypass undesirable high energy signals through a low impedance path. • PMOS and NMOS devices isolated from each other by using guard rings to avoid triggering of parasitic SCRs. • Reduced common mode currents across the isolation barrier by ensuring purely differential internal operation. ISO6741-Q1 SLLSFG4 – AUGUST 2020 www.ti.com 20 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated Product Folder Links: ISO6741-Q1 |
Podobny numer części - ISO6741-Q1 |
|
Podobny opis - ISO6741-Q1 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |