Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMR50410-Q1 Arkusz danych(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Numer części LMR50410-Q1
Szczegółowy opis  LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 package
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMR50410-Q1 Arkusz danych(HTML) 21 Page - Texas Instruments

Back Button LMR50410-Q1 Datasheet HTML 17Page - Texas Instruments LMR50410-Q1 Datasheet HTML 18Page - Texas Instruments LMR50410-Q1 Datasheet HTML 19Page - Texas Instruments LMR50410-Q1 Datasheet HTML 20Page - Texas Instruments LMR50410-Q1 Datasheet HTML 21Page - Texas Instruments LMR50410-Q1 Datasheet HTML 22Page - Texas Instruments LMR50410-Q1 Datasheet HTML 23Page - Texas Instruments LMR50410-Q1 Datasheet HTML 24Page - Texas Instruments LMR50410-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
OUT
JA
A
J
MAX
OUT
V
1
1
R
T
T
I
˜
K
K
˜
T
(16)
where
• η = efficiency
The effective RθJA is a critical parameter and depends on many factors such as the following:
• Power dissipation
• Air temperature/flow
• PCB area
• Number of thermal vias under the package
• Adjacent component placement
Figure 9-2 shows the typical curves of maximum output current versus ambient temperature. This data was
taken with a device and PCB combination, giving an RθJA which is 80°C/W. It must be remembered that the data
given in these graphs are for illustration purposes only and the actual performance in any given application
depends on all of the previously mentioned factors.
Output Current - A
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
25
35
45
55
65
75
85
95
105
115
Tama
VIN = 12V
VIN = 24V
Figure 9-2. Maximum Output Current versus Ambient Temperature
www.ti.com
LMR50410-Q1
SLUSDW4 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LMR50410-Q1


Podobny numer części - LMR50410-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMR50410-Q1 TI-LMR50410-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410-Q1 TI-LMR50410-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410-Q1 TI-LMR50410-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
More results

Podobny opis - LMR50410-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMR50410-Q1 TI-LMR50410-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410 TI-LMR50410_V01 Datasheet
1Mb / 33P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410 TI1-LMR50410 Datasheet
1Mb / 31P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 package
LMR54410 TI-LMR54410 Datasheet
1Mb / 27P
[Old version datasheet]   LMR544xx SIMPLE SWITCHER짰 4-V to 36-V, 0.6-A/1-A Buck Converter in a SOT-23 Package
SLUSEG8 ??OCTOBER 2021
LMR51420 TI-LMR51420 Datasheet
2Mb / 33P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER짰 Power Converter 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
SLUSEF6 ??OCTOBER 2021
LMR51420 TI-LMR51420_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER® 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
REVISED AUGUST 2022
LMR51430 TI-LMR51430 Datasheet
1Mb / 34P
[Old version datasheet]   LMR51430 SIMPLE SWITCHER® 4.5-V to 36-V, 3-A, Synchronous Buck Converter in a SOT-23 Package
JUNE 2022
LMR51610 TI-LMR51610 Datasheet
2Mb / 36P
[Old version datasheet]   LMR516xx SIMPLE SWITCHER® Power Converter, 4-V to 65-V, 0.6-A/1-A, Buck Converter in a SOT-23 Package
JUNE 2023
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
TPS560430-Q1 TI1-TPS560430-Q1_V01 Datasheet
736Kb / 31P
[Old version datasheet]   TPS560430-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 600-mA synchronous step-down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com