Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPA388-Q1 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części OPA388-Q1
Szczegółowy opis  OPA388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

OPA388-Q1 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button OPA388-Q1 Datasheet HTML 3Page - Texas Instruments OPA388-Q1 Datasheet HTML 4Page - Texas Instruments OPA388-Q1 Datasheet HTML 5Page - Texas Instruments OPA388-Q1 Datasheet HTML 6Page - Texas Instruments OPA388-Q1 Datasheet HTML 7Page - Texas Instruments OPA388-Q1 Datasheet HTML 8Page - Texas Instruments OPA388-Q1 Datasheet HTML 9Page - Texas Instruments OPA388-Q1 Datasheet HTML 10Page - Texas Instruments OPA388-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
6.6 Typical Characteristics
at TA = 25°C, VS = ±2.5 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise
noted)
Table 6-1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 6-1
Offset Voltage Drift Distribution From –40°C to +125°C
Figure 6-2
Offset Voltage vs Temperature
Figure 6-3
Offset Voltage vs Common-Mode Voltage
Figure 6-4
Offset Voltage vs Power Supply
Figure 6-5
Offset Voltage Long Term Drift
Figure 6-6
Open-Loop Gain and Phase vs Frequency
Figure 6-7
Closed-Loop Gain and Phase vs Frequency
Figure 6-8
Input Bias Current vs Common-Mode Voltage
Figure 6-9
Input Bias Current vs Temperature
Figure 6-10
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 6-11
CMRR and PSRR vs Frequency
Figure 6-12
CMRR vs Temperature
Figure 6-13
PSRR vs Temperature
Figure 6-14
0.1-Hz to 10-Hz Noise
Figure 6-15
Input Voltage Noise Spectral Density vs Frequency
Figure 6-16
THD+N Ratio vs Frequency
Figure 6-17
THD+N vs Output Amplitude
Figure 6-18
Spectral Content
Figure 6-19, Figure 6-20
Quiescent Current vs Supply Voltage
Figure 6-21
Quiescent Current vs Temperature
Figure 6-22
Open-Loop Gain vs Temperature
Figure 6-23
Open-Loop Output Impedance vs Frequency
Figure 6-24
Small-Signal Overshoot vs Capacitive Load (10-mV Step)
Figure 6-25
No Phase Reversal
Figure 6-26
Positive Overload Recovery
Figure 6-27
Negative Overload Recovery
Figure 6-28
Small-Signal Step Response (10-mV Step)
Figure 6-29, Figure 6-30
Large-Signal Step Response (4-V Step)
Figure 6-31 , Figure 6-32
Settling Time
Figure 6-33, Figure 6-34
Short-Circuit Current vs Temperature
Figure 6-35
Maximum Output Voltage vs Frequency
Figure 6-36
EMIRR vs Frequency
Figure 6-37
www.ti.com
OPA388-Q1
SBOS989 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA388-Q1


Podobny numer części - OPA388-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
OPA388-Q1 TI-OPA388-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
NOVEMBER 2021
OPA388-Q1 TI-OPA388-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
NOVEMBER 2021
More results

Podobny opis - OPA388-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
OPA388-Q1 TI-OPA388-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
NOVEMBER 2021
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_17 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
logo
Analog Devices
AD8628ART AD-AD8628ART Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
AD8629S AD-AD8629S Datasheet
138Kb / 8P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com