Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RM48L940 Arkusz danych(PDF) 81 Page - Texas Instruments

Numer części RM48L940
Szczegółowy opis  RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

RM48L940 Arkusz danych(HTML) 81 Page - Texas Instruments

Back Button RM48L940_V01 Datasheet HTML 77Page - Texas Instruments RM48L940_V01 Datasheet HTML 78Page - Texas Instruments RM48L940_V01 Datasheet HTML 79Page - Texas Instruments RM48L940_V01 Datasheet HTML 80Page - Texas Instruments RM48L940_V01 Datasheet HTML 81Page - Texas Instruments RM48L940_V01 Datasheet HTML 82Page - Texas Instruments RM48L940_V01 Datasheet HTML 83Page - Texas Instruments RM48L940_V01 Datasheet HTML 84Page - Texas Instruments RM48L940_V01 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 174 page
background image
RM48L940, RM48L740, RM48L540
www.ti.com
SPNS175C – APRIL 2012 – REVISED JUNE 2015
6.10.4 Flash Access Speeds
For information on flash memory access speeds and the relevant wait states required, refer to Section 5.6.
6.10.5 Flash Program and Erase Timings for Program Flash
Table 6-23. Timing Specifications for Program Flash
PARAMETER
MIN
NOM
MAX
UNIT
tprog (144bit)
Wide Word (144bit) programming time
40
300
µs
–40°C to 105°C
32
s
tprog (Total)
3-MB programming time(1)
0°C to 60°C, for first 25 cycles
8
16
s
–40°C to 105°C
0.03
4
s
terase
Sector/Bank erase time(2)
0°C to 60°C, for first 25 cycles
16
100
ms
Write/erase cycles with 15-year Data
twec
–40°C to 105°C
1000
cycles
Retention requirement
(1)
This programming time includes overhead of state machine, but does not include data transfer time. The programming time assumes
programming 144 bits at a time at the maximum specified operating frequency.
(2)
During bank erase, the selected sectors are erased simultaneously. The time to erase the bank is specified as equal to the time to erase
a sector.
6.10.6 Flash Program and Erase Timings for Data Flash
Table 6-24. Timing Specifications for Data Flash
PARAMETER
MIN
NOM
MAX
UNIT
tprog (144bit)
Wide Word (144bit) programming time
40
300
µs
–40°C to 105°C
660
ms
tprog (Total)
64-KB programming time(1)
0°C to 60°C, for first 25 cycles
165
330
ms
–40°C to 105°C
0.2
8
s
terase
Sector/Bank erase time(2)
0°C to 60°C, for first 25 cycles
14
100
ms
Write/erase cycles with 15-year Data
twec
–40°C to 105°C
100000
cycles
Retention requirement
(1)
This programming time includes overhead of state machine, but does not include data transfer time. The programming time assumes
programming 144 bits at a time at the maximum specified operating frequency.
(2)
During bank erase, the selected sectors are erased simultaneously. The time to erase the bank is specified as equal to the time to erase
a sector.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
81
Submit Documentation Feedback


Podobny numer części - RM48L940_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
RM48L940DPGET TI1-RM48L940DPGET Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940DZWTT TI1-RM48L940DZWTT Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940PGET TI1-RM48L940PGET Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
RM48L940ZWTT TI1-RM48L940ZWTT Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
RM48L940 TI1-RM48L940_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
More results

Podobny opis - RM48L940_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
RM48L940 TI1-RM48L940_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940 TI1-RM48L940 Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com