Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HCS165-Q1 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HCS165-Q1
Szczegółowy opis  SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS165-Q1 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74HCS165-Q1 Datasheet HTML 2Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 3Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 4Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 5Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 6Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 7Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 8Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 9Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement
Information.
PARAMETER
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 125°C
MIN
MAX
MIN
MAX
tsu
Setup time
SH/LD high before
CLK↑
2 V
13
21
ns
4.5 V
5
7
6 V
4
6
SER before CLK↑
2 V
8
14
4.5 V
4
6
6 V
4
6
CLK INH low before
CLK↑
2 V
6
9
4.5 V
4
5
6 V
4
5
CLK INH high
before CLK↑
2 V
6
9
4.5 V
4
5
6 V
4
5
Data before SH/LD↑
2 V
9
17
4.5 V
4
6
6 V
4
6
th
Hold time
Ser data after CLK↑
2 V
0
0
ns
4.5 V
0
0
6 V
0
0
PAR data after
SH/LD↑
2 V
5
6
4.5 V
4
5
6 V
3
4
SH/LD high after
CLK↑
2 V
0
0
4.5 V
0
0
6 V
0
0
6.7 Switching Characteristics
CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement
Information.
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
fmax
Max switching frequency
2 V
49
43
MHz
4.5 V
130
120
6 V
170
150
tpd
Propagation delay
SH/LD
QH or Q H
2 V
39
65
ns
4.5 V
19
24
6 V
17
19
CLK
QH or Q H
2 V
32
45
4.5 V
16
18
6 V
14
16
H
QH or Q H
2 V
30
48
4.5 V
15
18
6 V
14
16
SN74HCS165-Q1
SCLS826 – AUGUST 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74HCS165-Q1


Podobny numer części - SN74HCS165-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
DECEMBER 2021
More results

Podobny opis - SN74HCS165-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HCS165-Q1 TI-SN74HCS165-Q1_V02 Datasheet
2Mb / 34P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
DECEMBER 2021
SN74HCS165-Q1 TI-SN74HCS165-Q1_V01 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165 TI-SN74HCS165 Datasheet
1Mb / 26P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165 TI-SN74HCS165_V01 Datasheet
2Mb / 35P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCT165-Q1 TI-SN74HCT165-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SN74HCT165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SCLS882 ??OCTOBER 2021
SN74LV8T165-Q1 TI1-SN74LV8T165-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   SN74LV8T165-Q1 Automotive Parallel-Load 8-Bit Shift Registers
AUGUST 2023
SN74LV8T165-Q1 TI1-SN74LV8T165-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LV8T165-Q1 Automotive Parallel-Load 8-Bit Shift Registers
REVISED NOVEMBER 2023
SN74LV165A-Q1 TI-SN74LV165A-Q1_V01 Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV165A-Q1 Automotive Parallel-Load 8-Bit Shift Registers
REVISED DECEMBER 2022
SN74LV165A-Q1 TI-SN74LV165A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV165A-Q1 Automotive Parallel-Load 8-Bit Shift Registers
JULY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com