Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPS7A03 Arkusz danych(PDF) 13 Page - Texas Instruments

Numer części TPS7A03
Szczegółowy opis  TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPS7A03 Arkusz danych(HTML) 13 Page - Texas Instruments

Back Button TPS7A03_V06 Datasheet HTML 9Page - Texas Instruments TPS7A03_V06 Datasheet HTML 10Page - Texas Instruments TPS7A03_V06 Datasheet HTML 11Page - Texas Instruments TPS7A03_V06 Datasheet HTML 12Page - Texas Instruments TPS7A03_V06 Datasheet HTML 13Page - Texas Instruments TPS7A03_V06 Datasheet HTML 14Page - Texas Instruments TPS7A03_V06 Datasheet HTML 15Page - Texas Instruments TPS7A03_V06 Datasheet HTML 16Page - Texas Instruments TPS7A03_V06 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Input Voltage (V)
2
2.5
3
3.5
4
4.5
5
0
200
400
600
TJ
-55°C
-40°C
0°C
25°C
85°C
125°C
140°C
Input Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
0
50
100
150
200
250
300
TJ
-55°C
-40°C
0°C
25°C
85°C
125°C
140°C
Output Current (mA)
0
20
40
60
80
100
120
140
160
180
200
0
50
100
150
200
250
300
350
400
450
500
550
TJ
-55°C
-40°C
0°C
25°C
85°C
125°C
140°C
Output Current (mA)
0
20
40
60
80
100
120
140
160
180
200
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
TJ
-55°C
-40°C
0°C
25°C
85°C
125°C
140°C
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140150
-0.5
-0.3
-0.1
0.1
0.3
0.5
VOUT %
Output Current (mA)
0
20
40
60
80
100
120
140
160
180
200
-20
-15
-10
-5
0
5
10
TJ
-55°C
-40°C
0°C
25°C
85°C
125°C
140°C
13
TPS7A03
www.ti.com
SBVS375B – JULY 2019 – REVISED APRIL 2020
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted)
VOUT = 5.0 V, IOUT = 1 mA
Figure 31. Output Accuracy vs Temperature
VOUT = 1.8 V
Figure 32. Load Regulation vs VIN and Temperature
VOUT = 1.8 V
Figure 33. Dropout vs IOUT and Temperature
VOUT = 5.0 V
Figure 34. Dropout vs IOUT and Temperature
IOUT = 200 mA
Figure 35. Dropout vs VIN and Temperature
IOUT = 50 mA
Figure 36. Dropout vs VIN and Temperature


Podobny numer części - TPS7A03_V06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS7A03 TI1-TPS7A03_V01 Datasheet
285Kb / 22P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V02 Datasheet
469Kb / 25P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V03 Datasheet
2Mb / 41P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V04 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V05 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results

Podobny opis - TPS7A03_V06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS7A03 TI-TPS7A03_V08 Datasheet
3Mb / 45P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V03 Datasheet
2Mb / 41P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V11 Datasheet
3Mb / 50P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
REVISED SEPTEMBER 2022
TPS7A03 TI1-TPS7A03_V05 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03 Datasheet
284Kb / 22P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V02 Datasheet
469Kb / 25P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V04 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V11 Datasheet
3Mb / 48P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
TPS7A03 TI-TPS7A03_V10 Datasheet
3Mb / 47P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
TPS7A03 TI1-TPS7A03_V01 Datasheet
285Kb / 22P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com