Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPS746-Q1 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TPS746-Q1
Szczegółowy opis  TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPS746-Q1 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPS746-Q1_V03 Datasheet HTML 1Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 2Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 3Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 4Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 5Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 6Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 7Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 8Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
TPS746-Q1
EN
IN
OUT
VIN
VOUT
CIN
COUT
RPG*
PG
*Pull-up resistor not required
for push-pull option
FB
GND
R1
R2
Cff
TPS746-Q1
EN
IN
OUT
VIN
VOUT
CIN
COUT
RPG*
PG
*Pull-up resistor not required
for push-pull option
GND
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS746-Q1
SBVS358A – JUNE 2018 – REVISED OCTOBER 2019
TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
1
1 Features
1
AEC-Q100 qualified for automotive applications:
Temperature grade 1: –40°C to +125°C, TA
Device operating junction temperature range:
–40°C to +150°C
Package:
2-mm × 2-mm wettable flank WSON
3-mm × 3-mm wettable flank WSON (preview)
Input voltage range: 1.5 V to 6.0 V
Output voltage range:
Fixed option: 0.65 V to 5.0 V
Adjustable option: 0.55 V to 5.5 V
High PSRR: 38 dB at 100 kHz
Output accuracy: ±0.85% typical, ±1.5% maximum
Power-good output options:
Open-drain or push-pull
Ultra-low dropout:
265 mV (max) at 1 A (3.3 VOUT)
Stable with a 1-µF or larger capacitor
Low IQ: 25 µA (typical)
Active output discharge
Low thermal resistance:
DRV (6-pin WSON), RθJA = 80.3°C/W
DRB (8-pin WSON), RθJA = 62.0°C/W
(preview)
2 Applications
Automotive head units
Front and rear cameras
Automotive cluster displays
Telematics control units
Medium, short range radar
3 Description
The TPS746-Q1 is a 1-A ultra-low-dropout regulator
(LDO) with power-good functionality. This device is
available in a small 6-pin, 2-mm × 2-mm and a small
8-pin, 3-mm × 3-mm WSON package with wettable
flanks to facilitate optical inspection. The TPS746-Q1
consumes low quiescent current and provides fast
line and load transient performance.
The TPS746-Q1 is a flexible device for post-
regulation by supporting an input voltage range from
1.5 V to 6.0 V and an externally adjustable output
range of 0.55 V to 5.5 V. The device also features
fixed output voltages for powering common voltage
rails.
The TPS746-Q1 has a power-good (PG) output that
monitors the voltage at the feedback pin to indicate
the status of the output voltage. The EN input and PG
output can be used for sequencing multiple power
supplies in the system.
The TPS746-Q1 is stable with small ceramic output
capacitors, allowing for a small overall solution size.
A precision band-gap and error amplifier provides
high accuracy of ±0.85% (max) at 25°C and ±1.5%
(max)
over
temperature.
This
device
includes
integrated
thermal
shutdown,
current
limit,
and
undervoltage lockout (UVLO) features. The TPS746-
Q1 has an internal foldback current limit that helps
reduce the thermal dissipation during short-circuit
events.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS746-Q1
Wettable flank
WSON (6)
2.00 mm × 2.00 mm
Wettable flank
WSON (8)(2)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Preview package.
Typical Application: Fixed Voltage Version
Typical Application: Adjustable Voltage Version


Podobny numer części - TPS746-Q1_V03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS746-Q1 TI1-TPS746-Q1_V01 Datasheet
3Mb / 41P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI1-TPS746-Q1_V02 Datasheet
3Mb / 45P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V04 Datasheet
4Mb / 44P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
More results

Podobny opis - TPS746-Q1_V03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS746-Q1 TI1-TPS746-Q1_V01 Datasheet
3Mb / 41P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V04 Datasheet
4Mb / 44P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI1-TPS746-Q1_V02 Datasheet
3Mb / 45P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V03 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI-TPS745-Q1_V06 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI-TPS745-Q1_V07 Datasheet
4Mb / 44P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI1-TPS746-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in a Small 2-mm 횞 2-mm Wettable Flank WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com