Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54054 Arkusz danych(PDF) 2 Page - OSRAM GmbH

Numer części 54054
Szczegółowy opis  Product Information Bulletin Medical Overhead Halogen Lamps Tungsten Halogen Low to Medium Voltage Lamps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

54054 Arkusz danych(HTML) 2 Page - OSRAM GmbH

  54054 Datasheet HTML 1Page - OSRAM GmbH 54054 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
08/2001
For Orders and
General Information:
OSRAM SYLVANIA
National Customer
Support Center
18725 N. Union Street
Westfield, IN 46074
Photo-Optic
Phone: 1-888-677-2627
Phone: 1-888-OSRAMCS
Fax: 1-800-762-7192
Special Markets
Phone: 1-800-762-7191
Fax: 1-800-762-7192
Industrial and Commercial
Phone: 1-800-255-5042
Fax: 1-800-255-5043
In Canada
OSRAM SYLVANIA LTD.
Headquarters
2001 Drew Road
Mississauga, ON L5S 1S4
Industrial and Commercial
Phone: 1-800-263-2852
Fax: 1-800-667-6772
Special Markets
Phone: 1-800-265-2852
Fax: 1-800-667-6772
Ordering Information
Visit our website: www.sylvania.com
Lamp
NAED
Standard
Description
Code
Case Quantity
120/T4/SPECIAL 24V
54466
24
235T4Q/2PPF
58941
12
220T4Q/2PPF
58939
12
60T4QCL
58729
12
64642/HLX (FDV)
54054
100
64650
54056
100
64657/HLX (EVC)
54047
100
64654 HLX
54136
30
64638 HLX
53998
100
WARNING
The lamp emits ultraviolet (uv) radiation
and operates at high internal pressure.
Before use read the complete warning
accompanying the product.
Disposal
When disposing of spent lamps, always
consult federal, state, local and
provincial hazardous waste disposal
rules and regulations to ensure proper
disposal.


Podobny numer części - 54054

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
54054 OSRAM-54054 Datasheet
76Kb / 1P
   Upgrades For Popular Projjecttiion Lamps
More results

Podobny opis - 54054

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
FO125 OSRAM-FO125 Datasheet
40Kb / 2P
   Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
FO115 OSRAM-FO115 Datasheet
20Kb / 2P
   Product Information Bulletin 64635 HLX Tungsten-Halogen Lamp
logo
Gilway Technical Lamp
MR11 GILWAY-MR11 Datasheet
158Kb / 4P
   Product Information Bulletin TRU-AIM MR11 & MR16 FAMILY Low Voltage Halogen Lamps
logo
OSRAM GmbH
FO121 OSRAM-FO121 Datasheet
40Kb / 2P
   Product Information Bulletin FLT Low Voltage Tungsten Halogen MR11 Rim Mount Lamp
FO171 OSRAM-FO171 Datasheet
105Kb / 2P
   Low Voltage Tungsten Halogen Lamps with Reflector
FO106 OSRAM-FO106 Datasheet
122Kb / 2P
   Low Voltage Tungsten Halogen Lamps with Reflector
FO153 OSRAM-FO153 Datasheet
120Kb / 2P
   Low Voltage Tungsten Halogen Lamps with Reflector
FO112 OSRAM-FO112 Datasheet
33Kb / 2P
   Product Information Bulletin CAX Mains-Voltage Halogen Lamp
logo
Gilway Technical Lamp
58786 GILWAY-58786 Datasheet
37Kb / 2P
   50 watt, tungsten halogen, low to medium voltage with reflector
54232 GILWAY-54232 Datasheet
36Kb / 2P
   75 watt, tungsten halogen, low to medium voltage with reflector.
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com