Zakładka z wyszukiwarką danych komponentów |
|
HLMP-CW11-ZZB00 Arkusz danych(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HLMP-CW11-ZZB00 Arkusz danych(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 6 page 3 Device Selection Guide Part Number Typical Viewing Angle, 2 θ ½ (Degree) Intensity (mcd) at 20 mA Standoff Package Dimension Min. Max. HLMP-CW11-WZ0xx 15 5500 16000 No A HLMP-CW11-XY0xx 15 7200 12000 No A HLMP-CW12-WZ0xx 15 5500 16000 Yes B HLMP-CW12-XY0xx 15 7200 12000 Yes B HLMP-CW12-XYBxx 15 7200 12000 Yes B HLMP-CW26-UX0xx 23 3200 9300 No A HLMP-CW26-VW0xx 23 4200 7200 No A HLMP-CW27-UX0xx 23 3200 9300 Yes B HLMP-CW27-UX2xx 23 3200 9300 Yes B HLMP-CW27-VW0xx 23 4200 7200 Yes B HLMP-CW36-TW0xx 30 2500 7200 No A HLMP-CW36-UV0xx 30 3200 5500 No A HLMP-CW36-UVBxx 30 3200 5500 No A HLMP-CW37-TW0xx 30 2500 7200 Yes B HLMP-CW37-UV0xx 30 3200 5500 Yes B HLMP-CW37-UVBxx 30 3200 5500 Yes B Notes: 1. Tolerance for luminous intensity measurement is +/- 15% 2. The luminous intensity is measured on the mechanical axis of the lamp package. 3. The optical axis is closely aligned with the package mechanical axis. 4. LED light output is bright enough to cause injuries to the eyes. Precautions must be taken to prevent looking directly at the LED without proper safety equipment. 5. 2 θ1/2 is the off-axis angle where the luminous intensity is ½ the on axis intensity Notes: 1. Derate linearly as shown in figure 2. 2. 1.59 mm (0.060 inch) below body 3. Duty factor 10%, frequency 1KHz Absolute Maximum Rating at TA = 25oC Parameters Value Unit DC forward current [1] 30 mA Peak pulsed forward current [3] 100 mA Power dissipation 105 mW LED junction temperature 110 oC Operating temperature range -40 to +85 oC Storage temperature range -40 to +100 oC Wave soldering temperature [2] 250 for 3 seconds oC Solder Dipping temperature [2] 260 for 5 seconds oC |
Podobny numer części - HLMP-CW11-ZZB00 |
|
Podobny opis - HLMP-CW11-ZZB00 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |