Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC2839 Arkusz danych(PDF) 2 Page - Isahaya Electronics Corporation

Numer części MC2839
Szczegółowy opis  FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISAHAYA [Isahaya Electronics Corporation]
Strona internetowa  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

MC2839 Arkusz danych(HTML) 2 Page - Isahaya Electronics Corporation

  MC2839 Datasheet HTML 1Page - Isahaya Electronics Corporation MC2839 Datasheet HTML 2Page - Isahaya Electronics Corporation MC2839 Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
〈SMALL-SIGNAL DIODE〉
MC2839
FOR GENERAL SWITCHING APPLICATION
SILICON EPITAXIAL TYPE(SERIES TYPE)
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Limits
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
V
F1
I
F=1mA
-
0.75
1.0
V
F2
I
F=50mA
-
0.85
1.2
Forward voltage
V
F3
I
F=100mA
-
0.90
1.4
V
Reverse current
I
R1
V
R=50V
-
-
0.1
μA
Pin capacitance
C
T
VR=0V,f=1MHz
-
1.3
4.0
pF
ISAHAYA ELECTRONICS CORPORATION


Podobny numer części - MC2839

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC2830 MOTOROLA-MC2830 Datasheet
31Kb / 1P
   Voice Activated Switch
logo
Isahaya Electronics Cor...
MC2831 ISAHAYA-MC2831 Datasheet
137Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2831 ISAHAYA-MC2831 Datasheet
122Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
logo
Motorola, Inc
MC2831A MOTOROLA-MC2831A Datasheet
137Kb / 3P
   LOW POWER FM TRANSMITTER SYSTEM SILICON MONOLITHIC INTEGRATED CIRCUIT
MC2831AD MOTOROLA-MC2831AD Datasheet
137Kb / 3P
   LOW POWER FM TRANSMITTER SYSTEM SILICON MONOLITHIC INTEGRATED CIRCUIT
More results

Podobny opis - MC2839

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Isahaya Electronics Cor...
MC2845 ISAHAYA-MC2845_13 Datasheet
148Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2850 ISAHAYA-MC2850_13 Datasheet
148Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2840 ISAHAYA-MC2840_13 Datasheet
148Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC982 ISAHAYA-MC982_13 Datasheet
149Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2835 ISAHAYA-MC2835_13 Datasheet
148Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2850 ISAHAYA-MC2850 Datasheet
89Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE(SERIES TYPE)
MC2845 ISAHAYA-MC2845 Datasheet
283Kb / 4P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE(SERIES TYPE)
MC2835 ISAHAYA-MC2835 Datasheet
146Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE(SERIES TYPE)
MC2844 ISAHAYA-MC2844 Datasheet
152Kb / 3P
   FOR HIGH SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2841 ISAHAYA-MC2841_10 Datasheet
134Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com