Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD10226AB Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD10226AB
Szczegółowy opis  Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD10226AB Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD10226AB Datasheet HTML 6Page - Analog Devices AD10226AB Datasheet HTML 7Page - Analog Devices AD10226AB Datasheet HTML 8Page - Analog Devices AD10226AB Datasheet HTML 9Page - Analog Devices AD10226AB Datasheet HTML 10Page - Analog Devices AD10226AB Datasheet HTML 11Page - Analog Devices AD10226AB Datasheet HTML 12Page - Analog Devices AD10226AB Datasheet HTML 13Page - Analog Devices AD10226AB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
AD10226
–10–
10MHz
= 52.22 – j0.421
50MHz
= 50.69 – j2.84
100MHz = 47.50 – j3.58
150MHz = 44.61 – j0.970
200MHz = 43.70 + j3.70
250MHz = 46.41 + j9.48
300MHz = 53.09 + j14.76
TPC 13. Input Impedance S11
FREQUENCY – MHz
0.1
1
10
1
2
3
4
5
6
7
8
9
10
0
100
1000
1MHz
= 1.010
10MHz = 1.028
50MHz = 1.045
100MHz = 1.066
140MHz = 1.090
160MHz = 1.126
200MHz = 1.170
TPC 14. Voltage Standing Wave Ratio (VSWR)
Equivalent Circuits
VCC
24k
8k
ENCODE
ENCODE
8k
24k
Test Circuit 1. Equivalent ENCODE Input
VCC
100
DIGITAL
OUTPUT
Test Circuit 2. Equivalent Digital Output
Q1
NPN
VREF OUTPUT
VCC
VCC
Test Circuit 3. Equivalent Voltage Reference Output
VCC
AIN2
15k
50
3.75k
AIN1
15k
3.75k
Test Circuit 4. Equivalent Analog Input
DEFINITION OF TERMS
Analog Bandwidth
The analog input frequency at which the spectral power of the
fundamental frequency (as determined by the FFT analysis) is
reduced by 3 dB.
Aperture Delay
The delay between the 50% point on the rising edge of the ENCODE
command and the instant at which the analog input is sampled.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Differential Nonlinearity
The deviation of any code from an ideal 1 LSB step.
ENCODE Pulsewidth/Duty Cycle
Pulsewidth high is the minimum amount of time that the
ENCODE pulse should be left in logic “1” state to achieve rated
performance; pulsewidth low is the minimum time ENCODE
pulse should be left in low state. At a given clock rate, these specs
define an acceptable ENCODE duty cycle.


Podobny numer części - AD10226AB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD10226PCB AD-AD10226PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10226 AD-AD10226_15 Datasheet
984Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS
REV. 0
More results

Podobny opis - AD10226AB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
   Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
[Old version datasheet]   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
National Semiconductor ...
ADC12DL080 NSC-ADC12DL080 Datasheet
1Mb / 24P
   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD10201 AD-AD10201 Datasheet
762Kb / 20P
   DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
REV. 0
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com