Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT3284 Arkusz danych(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 74ABT3284
Szczegółowy opis  18-Bit Synchronous Datapath Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ABT3284 Arkusz danych(HTML) 9 Page - National Semiconductor (TI)

Back Button 74ABT3284 Datasheet HTML 4Page - National Semiconductor (TI) 74ABT3284 Datasheet HTML 5Page - National Semiconductor (TI) 74ABT3284 Datasheet HTML 6Page - National Semiconductor (TI) 74ABT3284 Datasheet HTML 7Page - National Semiconductor (TI) 74ABT3284 Datasheet HTML 8Page - National Semiconductor (TI) 74ABT3284 Datasheet HTML 9Page - National Semiconductor (TI) 74ABT3284 Datasheet HTML 10Page - National Semiconductor (TI) 74ABT3284 Datasheet HTML 11Page - National Semiconductor (TI) 74ABT3284 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DC Electrical Characteristics (Continued)
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
CL e 50 pF RL e 500X
VOLP
Quiet Output Maximum Dynamic VOL
07
10
V
50
TA e 25 C (Note 1)
VOLV
Quiet Output Minimum Dynamic VOL
b
08
b
05
V
50
TA e 25 C (Note 1)
VOHV
Minimum High Level Dynamic Output Voltage
25
30
V
50
TA e 25 C (Note 3)
VIHD
Minimum High Level Dynamic Input Voltage
20
17
V
50
TA e 25 C (Note 2)
VILD
Maximum Low Level Dynamic Input Voltage
12
08
V
50
TA e 25 C (Note 2)
Note 1
Max number of outputs defined as (n) n b 1 data inputs are driven 0V to 3V One output at LOW Guaranteed but not tested
Note 2
Max number of data inputs (n) switching n b 1 inputs switching 0V to 3V Input-under-test switching 3V to theshold (VILD) 0V to threshold (VIHD)
Guaranteed but not tested
Note 3
Max number of outputs defined as (n) n b 1 data inputs are driven 0V to 3V One output HIGH Guaranteed but not tested
AC Electrical Characteristics Single Output Switching
Symbol
Parameter
74ABT
74ABT
Units
TA e 25 CTA eb40 Cto a85 C
VCC e 50V
VCC e 45V to 55V
CL e 50 pF
CL e 50pF
Min
Max
Min
Max
fMAX
Max Operating Frequency
150
tPHL
Propagation Delay A B C D or X
tPLH
Inputs to X or A B C D Outputs
15
55
15
55
ns
Transparent Mode
tPHL
Propagation Delay B D or Y Inputs
10
50
10
50
ns
tPLH
to Y or B D Outputs Transparent Mode
tPHL
Propagation Delay CP
XA
u to
15
60
15
60
ns
tPLH
A B C or D Registered Mode
tPHL
Propagation Delay CP
AX
u to
15
70
15
70
ns
tPLH
X Registered Mode
tPHL
Propagation Delay CP
AX
u to
15
65
15
65
ns
tPLH
Y Registered Mode
tPHL
Propagation Delay ASELn to
20
75
20
75
ns
tPLH
A B C or D Asynchronous Mode
tPHL
Propagation Delay CP
IN
u to
25
85
25
85
ns
tPLH
A B C or D ASELn Synchronous Mode
tPHL
Propagation Delay SA2Xn to
15
75
15
75
ns
tPLH
X or Y Asynchronous Mode
tPHL
Propagation Delay CP
IN
u to
20
85
20
85
ns
tPLH
X or Y SA2Xn Synchronous Mode
tPHL
Propagation Delay XSELn to
15
60
15
60
ns
tPLH
X Asynchronous Mode
tPHL
Propagation Delay CP
IN
u to
20
75
20
75
ns
tPLH
X XSELn Synchronous Mode
tPHL
Propagation Delay YSELn to
10
55
10
55
ns
tPLH
Y Asynchronous Mode
tPHL
Propagation Delay CP
IN
u to
15
65
15
65
ns
tPLH
Y YSELn Synchronous Mode
tPZH
Asynchronous Enable Time
10
60
10
60
ns
tPZL
tPZH
Synchronous Enable Time
15
70
15
70
ns
tPZL
tPHZ
Asynchronous Disable Time
10
75
10
75
ns
tPLZ
tPHZ
Synchronous Disable Time
15
85
15
85
ns
tPLZ
9


Podobny numer części - 74ABT3284

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT32 PHILIPS-74ABT32 Datasheet
94Kb / 10P
   Quad 2-input OR gate
1995 Sep 22
logo
Nexperia B.V. All right...
74ABT32 NEXPERIA-74ABT32 Datasheet
207Kb / 10P
   Quad 2-input OR gate
Rev. 4 - 9 October 2020
logo
NXP Semiconductors
74ABT32D PHILIPS-74ABT32D Datasheet
94Kb / 10P
   Quad 2-input OR gate
1995 Sep 22
logo
Nexperia B.V. All right...
74ABT32D NEXPERIA-74ABT32D Datasheet
207Kb / 10P
   Quad 2-input OR gate
Rev. 4 - 9 October 2020
logo
NXP Semiconductors
74ABT32DB PHILIPS-74ABT32DB Datasheet
94Kb / 10P
   Quad 2-input OR gate
1995 Sep 22
More results

Podobny opis - 74ABT3284

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74FR900 FAIRCHILD-74FR900 Datasheet
46Kb / 6P
   9-Bit, 3-Port Latchable Datapath Multiplexer
74FR25900 FAIRCHILD-74FR25900 Datasheet
49Kb / 7P
   9-Bit, 3-Port Latchable Datapath Multiplexer with 25W Output Series Resistors
FST16232 FAIRCHILD-FST16232 Datasheet
98Kb / 6P
   Synchronous 16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
Texas Instruments
SN74CBT16232DGGR TI-SN74CBT16232DGGR Datasheet
286Kb / 11P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16232 TI-SN74CBT16232 Datasheet
68Kb / 5P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV16235 TI-SN74CBTLV16235 Datasheet
139Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 18-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
AMIC Technology
A63L0618 AMICC-A63L0618 Datasheet
243Kb / 17P
   1M X 18 Bit Synchronous High Speed SRAM
logo
Motorola, Inc
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com