Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LRL46600U53X Arkusz danych(PDF) 2 Page - Schneider Electric

Numer części LRL46600U53X
Szczegółowy opis  Circuit breaker, PowerPact L, Micrologic 5.3E, 600A, 4 poles, 600 V, 100 kA, 80% rated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHNEIDER [Schneider Electric]
Strona internetowa  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LRL46600U53X Arkusz danych(HTML) 2 Page - Schneider Electric

  LRL46600U53X Datasheet HTML 1Page - Schneider Electric LRL46600U53X Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environment
Product certifications
CSA 22-2
CCC
IEC
CE
UL 489
NMX
NEMA
Ordering and shipping details
Category
01119-L HIGH INTERUPT UNIT MT BREAKER/SW
Discount Schedule
DE2
Package weight(Lbs)
14.00 lb(US) (6.350 kg)
Returnability
Yes
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
PVC free
Yes
Contractual warranty
Warranty
18 months
2


Podobny numer części - LRL46600U53X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
LRL46600U54X SCHNEIDER-LRL46600U54X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 6.3E, 600A, 4 poles, 600 V, 100 kA, 80% rated
More results

Podobny opis - LRL46600U53X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
LRL36600U53X SCHNEIDER-LRL36600U53X Datasheet
115Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 5.3E, 600A, 3 poles, 600 V, 100 kA, 80% rated
LGL46600U53X SCHNEIDER-LGL46600U53X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 5.3E, 600A, 4 poles, 600 V, 18 kA, 80% rated
LLL46600U53X SCHNEIDER-LLL46600U53X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 5.3E, 600A, 4 poles, 600 V, 50 kA, 80% rated
LJL46600U53X SCHNEIDER-LJL46600U53X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 5.3E, 600A, 4 poles, 600 V, 25 kA, 80% rated
LDL46600U53X SCHNEIDER-LDL46600U53X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 5.3E, 600A, 4 poles, 600 V, 14 kA, 80% rated rated
LDL36600U53X SCHNEIDER-LDL36600U53X Datasheet
80Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 5.3E, 600A, 3 poles, 600 V, 14 kA, 80% rated
LJL36600U53X SCHNEIDER-LJL36600U53X Datasheet
117Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 5.3E, 600A, 3 poles, 600 V, 25 kA, 80% rated
LGL36600U53X SCHNEIDER-LGL36600U53X Datasheet
118Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 5.3E, 600A, 3 poles, 600 V, 18 kA, 80% rated
LRL46400U53X SCHNEIDER-LRL46400U53X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 5.3E, 400A, 4 poles, 600 V, 100 kA, 80% rated
LLL36600U53X SCHNEIDER-LLL36600U53X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 5.3E, 600A, 3 poles, 600 V, 50 kA, 80% rated
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com