Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ULBR510 Arkusz danych(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Numer części ULBR510
Szczegółowy opis  5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Strona internetowa  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

ULBR510 Arkusz danych(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  ULBR510 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ULBR510 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ULBR510 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ULBR510 ULBF
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
RECTIFIER Reverse Voltage - 100 to 1000 V
Forward Current
– 5.0A
FEATURES
High current capability
Low forward voltage drop
Glass Passivated Chip Junction
Designed for Surface Mount Application
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: ULBF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.461g / 0.0163oz
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
ULBR510
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
1000
V
Maximum RMS voltage
VRMS
700
V
Maximum DC Blocking Voltage
VDC
1000
V
Average Rectified Output Current at Tc=100℃
Io
5.0
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave
Superimposed on Rated Load(JEDEC method)
IFSM
180
A
I2t Rating for Fusing
I
2t
134.46
A
2S
Typical Thermal Resistance(Note1)
RθJA
RθJC
RθJL
60
10
12
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
(1)Mounted on glass epoxy PC board with 4×1.5"×1.5"(3.81×3.81 cm) copper pad.
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Parameter
Symbols
Test Conditions
Typ
Max
Units
Instantaneous forward voltage
VF
I =5A TJ=25℃
-
1.0
V
Reverse current at DC blocking voltage
IR
TJ=25℃
TJ=125℃
-
1
200
uA
Maximum Reverse Recovery Time
Trr
Measured with
IF=0.5A, IR=1A,
Irr = 0.25 A .
-
500
nS
Typical Junction Capacitance
Cj
f=1MHz,VR=4V DC
TJ= 25℃
60
-
pF
1.Input pin(+)
2.Input pin(-)
3.Output Anode(~)
4.Output Cathode(~)
ULBF
Marking Code
ULBR510
ULBR510


Podobny numer części - ULBR510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DONGGUAN YOU FENG WEI E...
ULBR610 YFWDIODE-ULBR610 Datasheet
420Kb / 3P
   6A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Podobny opis - ULBR510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DONGGUAN YOU FENG WEI E...
TT501F YFWDIODE-TT501F Datasheet
357Kb / 3P
   5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
ULBF501 YFWDIODE-ULBF501 Datasheet
423Kb / 3P
   5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
TTR510F YFWDIODE-TTR510F Datasheet
433Kb / 3P
   5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
SHIKUES Electronics
SLBF5M SKTECHNOLGY-SLBF5M Datasheet
272Kb / 3P
   5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Weitron Technology
DF005S WEITRON-DF005S Datasheet
295Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
DF15005S WEITRON-DF15005S Datasheet
281Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
logo
HY ELECTRONIC CORP.
B05S HY-B05S Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DF005S HY-DF005S Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
B05SA HY-B05SA Datasheet
164Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com