Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

YFW3400 Arkusz danych(PDF) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Numer części YFW3400
Szczegółowy opis  N-Channel Enhancement MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Strona internetowa  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW3400 Arkusz danych(HTML) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW3400 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW3400 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW3400 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW3400 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW3400 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
YFW3400 SOT-23
4 / 5
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Typical Characterisitics
-
0
1
2
3
4
5
0
2
4
6
8
10
12
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
10
20
30
40
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Coss
Crss
0.1
1.0
10.0
100.0
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100µs
10ms
1ms
0.1s
1s
10s
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
VDS=15V
ID=5A
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=90°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TA=25°C


Podobny numer części - YFW3400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DONGGUAN YOU FENG WEI E...
YFW3400 YFWDIODE-YFW3400 Datasheet
713Kb / 5P
   N-Channel Enhancement MOSFET
YFW3400A YFWDIODE-YFW3400A Datasheet
1Mb / 5P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW3400AI YFWDIODE-YFW3400AI Datasheet
1Mb / 5P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW3400B YFWDIODE-YFW3400B Datasheet
1Mb / 5P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW3400C YFWDIODE-YFW3400C Datasheet
1Mb / 5P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results

Podobny opis - YFW3400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com