Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

42LN5200 Arkusz danych(PDF) 2 Page - LG Semicon Co.,Ltd.

Numer części 42LN5200
Szczegółowy opis  LG LED TV applies LCD screen with LED backlights.
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LG [LG Semicon Co.,Ltd.]
Strona internetowa  
Logo LG - LG Semicon Co.,Ltd.

42LN5200 Arkusz danych(HTML) 2 Page - LG Semicon Co.,Ltd.

  42LN5200 Datasheet HTML 1Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 2Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 3Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 4Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 5Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 6Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 7Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 8Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
IMPORTANT SAFETY INSTRUCTIONS
y
y Do not allow the television to become wet.
y
y Clean only with a dry cloth.
y
y Do not block any ventilation openings. Install
in accordance with the manufacturer’s
instructions.
y
y Do not install near any heat sources such
as radiators, heat registers, stoves, or other
apparatus (including amplifiers) that produce
heat.
y
y Do not defeat the safety purpose of the
polarized or grounding-type plug. A polarized
plug has two blades with one wider than
the other. A grounding type plug has two
blades and a third grounding prong. The
wide blade or the third prong are provided
for your safety. If the provided plug does not
fit into your outlet, consult an electrician for
replacement of the obsolete outlet (Can differ
by country).
y
y Do not press strongly upon the panel with a
hand or a sharp object such as a nail, pencil
or pen, or make a scratch on it.
Read these instructions.
Keep these instructions.
Heed all warnings.
Follow all instructions.
IMPORTANT SAFETY INSTRUCTIONS
Always comply with the following precautions to avoid dangerous situations and ensure peak
performance of your product.
Short-circuit
Breaker
Power Supply
WARNING/CAUTION
RISK OF ELECTRIC SHOCK
DO NOT OPEN
TO REDUCE THE RISK OF ELECTRIC
SHOCK DO NOT REMOVE COVER (OR
BACK). NO USER SERVICEABLE PARTS
INSIDE. REFER TO QUALIFIED SERVICE
PERSONNEL.
WARNING/CAUTION
RISK OF ELECTRIC SHOCK
DO NOT OPEN
The lightning flash with arrowhead
symbol, within an equilateral triangle,
is intended to alert the user to the presence
of uninsulated “dangerous voltage” within
the product’s enclosure that may be of
sufficient magnitude to constitute a risk of
electric shock to persons.
WARNING/CAUTION
RISK OF ELECTRIC SHOCK
DO NOT OPEN
The exclamation point within an
equilateral triangle is intended to alert
the user to the presence of important
operating and maintenance (servicing)
instructions in the literature accompanying
the appliance.
WARNING/CAUTION
- TO REDUCE THE RISK OF FIRE AND
ELECTRIC SHOCK, DO NOT EXPOSE THIS
PRODUCT TO RAIN OR MOISTURE.
WARNING
If you ignore the warning message, you
may be seriously injured or there is a
possibility of accident or death.
CAUTION
If you ignore the caution message, you may
be slightly injured or the product may be
damaged.
NOTE
The note helps you understand and use
the product safely. Please read the note
carefully before using the product.
WARNING: This product contains chemicals
known to the State of California to cause cancer
and birth defects or other reproductive harm.
Wash hands after handling.


Podobny numer części - 42LN5200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
42LX196 TOSHIBA-42LX196 Datasheet
422Kb / 10P
   Service Material and Reference Tips
7/6/2007
42LZ196 TOSHIBA-42LZ196 Datasheet
422Kb / 10P
   Service Material and Reference Tips
7/6/2007
More results

Podobny opis - 42LN5200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
   White LED Driver for Large LCD TV Backlights
logo
List of Unclassifed Man...
BR02XXX ETC2-BR02XXX Datasheet
476Kb / 3P
   LED Backlights
logo
Fairchild Semiconductor
FCP190N65F FAIRCHILD-FCP190N65F Datasheet
1Mb / 9P
   LCD / LED / PDP TV
logo
Analog Devices
ADM8845 AD-ADM8845_15 Datasheet
321Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. C
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
   Charge Pump Driver for LCD White LED Backlights
Rev. D
ADM8845 AD-ADM8845 Datasheet
382Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. 0
logo
Banner Engineering Corp...
LEDIB70X70M BANNER-LEDIB70X70M Datasheet
162Kb / 3P
   LED..B..M Series Backlights
LEDIB70X70W BANNER-LEDIB70X70W Datasheet
159Kb / 3P
   LED..B..W Series Backlights
LED BANNER-LED Datasheet
355Kb / 5P
   LED Series Sealed Backlights
logo
LG Semicon Co.,Ltd.
47LV5500 LG-47LV5500 Datasheet
523Kb / 2P
   47" Class 1080p LED LCD TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com