Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX77304-15 Arkusz danych(PDF) 5 Page - Skyworks Solutions Inc.

Numer części CX77304-15
Szczegółowy opis  PA Module for Dual-band GSM850 PCS1900 / GPRS Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX77304-15 Arkusz danych(HTML) 5 Page - Skyworks Solutions Inc.

  CX77304-15 Datasheet HTML 1Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 2Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 3Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 4Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 5Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 6Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 7Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 8Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CX77304-15
Electrical Specifications
PA Module for Dual-Band GSM850 PCS1900 / GPRS Applications
101749A
Skyworks Solutions, Inc.
5
September 19, 2003
Proprietary Information
Output power
POUT
VCC = 3.2 V
VAPC
≈ 2.0 V
TCASE = +25
°C
32
32.5
dBm
POUT
MAX LOW VOLTAGE
VCC = 2.8 V
VAPC
≤ 2.6 V
T = 25
°C
(See Table 2 for multislot)
PIN = 6 dBm
30.0
30.5
dBm
POUT
MAX HIGH VOLTAGE
VCC = 2.8 V
VAPC
≤ 2.6 V
TCASE = –20
°C to +100 °C (See
Table 2 for multislot)
PIN = 6 dBm
29.0
30.5
dBm
Input VSWR
ΓIN
POUT = 0 to 32 dBm
controlled by VAPC
——
2:1
Forward isolation
POUT
STANDBY
PIN = 10 dBm, VAPC = 0.3 V
–40
–35
dBm
Switching time
τ
RISE,
τ
FALL
± step input of VAPC to RF output
power within 1 dB of final value
starting state: VAPC = 0.6 V
——
3
µsdBm
Spurious
Spur
No parasitic oscillation with all
combinations of the following
parameters:
VAPC = controlled(3)
PIN = 10.0 dBm
VCC = 2.8 V to 4.6 V
Load VSWR = 6:1, all phase angles
–36
dBm
Load mismatch
Load
All combinations of the following
parameters:
VAPC = controlled(3)
PIN = 10 dBm
VCC = 2.8 V to 4.6 V
Load VSWR = 10:1, all phase
angles
No module damage or permanent
degradation
Noise power
PNOISE
At f0 + 20 MHz
T = +25 °C
RBW = 100 kHz
VCC = 3.2 V
POUT
= 32 dBm
——
–77
dBm
At 869 to 894 MHz
RBW = 100 kHz
VCC = 3.2 V
POUT
= 32 dBm
——
–84
dBm
NOTE(S):
(1) Unless specified otherwise: TCASE = –20 to max. operating temperature (see Table 2), RL = 50Ω, pulsed operation with pulse
width
≤ 2308 µs and duty cycle ≤ 4:8, VCC = 2.8 V to 4.6 V.
(2) ICC = 0A to xA, where x = current at POUT = 34.0 dBm, 50 Ω load, and VCC = 3.2 V.
(3) ICC = 0A to xA, where x = current at POUT = 32.0 dBm, 50 Ω load, and VCC = 3.2 V.
Table 3. CX77304-15 Electrical Specifications(1) (3 of 3)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units


Podobny numer części - CX77304-15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
CX77304-16 SKYWORKS-CX77304-16 Datasheet
1Mb / 18P
   CX77304-16 PA Module for Tri-Band EGSM DCS PCS / GPRS
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
   CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
More results

Podobny opis - CX77304-15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
CX77301 SKYWORKS-CX77301 Datasheet
522Kb / 14P
   PA Module Dual-band EGSM900 DCS1800 / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
66Kb / 2P
   PA Module for Tri-Band EGSM / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
490Kb / 17P
   PA Module for Tri-Band EGSM / GPRS
SKY77346 SKYWORKS-SKY77346 Datasheet
107Kb / 2P
   iPAC??PA Module for Quad-Band GSM / GPRS
logo
RF Micro Devices
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
   QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
logo
Skyworks Solutions Inc.
SKY74073 SKYWORKS-SKY74073 Datasheet
78Kb / 2P
   SKY74073: Dual-Band SPR??Module for GSM and GPRS Handset Applications
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
   PA Module for Dual-band GSM900 and DCS1800 Applications
CX77304-16 SKYWORKS-CX77304-16 Datasheet
1Mb / 18P
   CX77304-16 PA Module for Tri-Band EGSM DCS PCS / GPRS
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
   CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
logo
Freescale Semiconductor...
MMM6035 FREESCALE-MMM6035 Datasheet
699Kb / 22P
   Quad-Band GSM/GPRS PA Module with Integrated Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com