Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZT651T1 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części PZT651T1
Szczegółowy opis  HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT651T1 Arkusz danych(HTML) 2 Page - ON Semiconductor

  PZT651T1 Datasheet HTML 1Page - ON Semiconductor PZT651T1 Datasheet HTML 2Page - ON Semiconductor PZT651T1 Datasheet HTML 3Page - ON Semiconductor PZT651T1 Datasheet HTML 4Page - ON Semiconductor PZT651T1 Datasheet HTML 5Page - ON Semiconductor PZT651T1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PZT651T1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
60
Vdc
Collector–Emitter Breakdown Voltage
(IC = 100 µAdc, IE = 0)
V(BR)CBO
80
Vdc
Emitter–Base Breakdown Voltage
(IE = 10 µAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Base–Emitter Cutoff Current
(VEB = 4.0 Vdc)
IEBO
0.1
µAdc
Collector–Base Cutoff Current
(VCB = 80 Vdc, IE = 0)
ICBO
100
nAdc
ON CHARACTERISTICS (2)
DC Current Gain
(IC = 50 mAdc, VCE = 2.0 Vdc)
(IC = 500 mAdc, VCE = 2.0 Vdc)
(IC = 1.0 Adc, VCE = 2.0 Vdc)
(IC = 2.0 Adc, VCE = 2.0 Vdc)
hFE
75
75
75
40
Collector–Emitter Saturation Voltages
(IC = 2.0 Adc, IB = 200 mAdc)
(IC = 1.0 Adc, IB = 100 mAdc)
VCE(sat)
0.5
0.3
Vdc
Base–Emitter Voltages
(IC = 1.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.0
Vdc
Base–Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 100 mAdc)
VBE(sat)
1.2
Vdc
Current–Gain — Bandwidth
(IC = 50 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
75
MHz
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle = 2.0%


Podobny numer części - PZT651T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
PZT651T1G ONSEMI-PZT651T1G Datasheet
136Kb / 4P
   NPN Silicon Planar Epitaxial Transistor
October, 2010 -- Rev. 7
PZT651T1G ONSEMI-PZT651T1G Datasheet
107Kb / 4P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 8
PZT651T1G ONSEMI-PZT651T1G Datasheet
64Kb / 4P
   NPN Silicon Planar Epitaxial Transistor
December, 2016 ??Rev. 10
More results

Podobny opis - PZT651T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT853 CENTRAL-CXT853_10 Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_15 Datasheet
441Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT NPN TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_10 Datasheet
512Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC Datasheet
127Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT853 CENTRAL-CZT853_15 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com