Zakładka z wyszukiwarką danych komponentów |
|
SI3469DV-T1-E3 Arkusz danych(PDF) 1 Page - Vishay Siliconix |
|
SI3469DV-T1-E3 Arkusz danych(HTML) 1 Page - Vishay Siliconix |
1 / 6 page FEATURES D TrenchFETr Power MOSFET APPLICATIONS D Load Switch − Notebook PC − Game Machine − Desktop Si3469DV Vishay Siliconix New Product Document Number: 72676 S-40271—Rev. A, 23-Feb-04 www.vishay.com 1 P-Channel 20-V (D-S) MOSFET PRODUCT SUMMARY VDS (V) rDS(on) (W) ID (A) −20 0.030 @ VGS = −10 V −6.7 −20 0.051 @ VGS = −4.5 V −5.1 (1, 2, 5, 6) D (4) S (3) G P-Channel MOSFET TSOP-6 Top View 6 4 1 2 3 5 2.85 mm 3 mm Ordering Information: Si3469DV-T1—E3 (Lead Free) ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED) Parameter Symbol 5 secs Steady State Unit Drain-Source Voltage VDS −20 V Gate-Source Voltage VGS "20 V Continuous Drain Current (TJ = 150_C)a TA = 25_C ID −6.7 −5.0 Continuous Drain Current (TJ = 150_C)a TA = 70_C ID −5.3 −4.0 A Pulsed Drain Current IDM −25 A Continuous Source Current (Diode Conduction)a IS −1.7 −0.95 Maximum Power Dissipationa TA = 25_C PD 2.0 1.14 W Maximum Power Dissipationa TA = 70_C PD 1.3 0.73 W Operating Junction and Storage Temperature Range TJ, Tstg −55 to 150 _C THERMAL RESISTANCE RATINGS Parameter Symbol Typical Maximum Unit Mi J ti t A bi ta t v 5 sec R 45 62.5 Maximum Junction-to-Ambienta Steady State RthJA 90 110 _C/W Maximum Junction-to-Foot (Drain) Steady State RthJF 25 30 C/W Notes a. Surface Mounted on 1” x 1” FR4 Board. |
Podobny numer części - SI3469DV-T1-E3 |
|
Podobny opis - SI3469DV-T1-E3 |