Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB135N10 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części STB135N10
Szczegółowy opis  N-CHANNEL 100V - 0.007 ohm - 135A DPAK/TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB135N10 Arkusz danych(HTML) 6 Page - STMicroelectronics

  STB135N10 Datasheet HTML 1Page - STMicroelectronics STB135N10 Datasheet HTML 2Page - STMicroelectronics STB135N10 Datasheet HTML 3Page - STMicroelectronics STB135N10 Datasheet HTML 4Page - STMicroelectronics STB135N10 Datasheet HTML 5Page - STMicroelectronics STB135N10 Datasheet HTML 6Page - STMicroelectronics STB135N10 Datasheet HTML 7Page - STMicroelectronics STB135N10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STB135N10 STP135N10
6/8
DIM.
mm.
inch.
MIN.
TYP.
MAX.
MIN.
TYP.
TYP.
A
4.4
4.6
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.40
0.645
L3
28.90
1.137
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.260
L9
3.50
3.93
0.137
0.154
DIA
3.75
3.85
0.147
0.151
TO-220 MECHANICAL DATA


Podobny numer części - STB135N10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STB13005 STMICROELECTRONICS-STB13005 Datasheet
78Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
STB13005 STMICROELECTRONICS-STB13005 Datasheet
207Kb / 11P
   High voltage fast-switching NPN power transistor
STB13005-1 STMICROELECTRONICS-STB13005-1 Datasheet
78Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
STB13005-1 STMICROELECTRONICS-STB13005-1 Datasheet
272Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
June 2001
STB13005-1 STMICROELECTRONICS-STB13005-1 Datasheet
207Kb / 11P
   High voltage fast-switching NPN power transistor
More results

Podobny opis - STB135N10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
266Kb / 9P
   N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET??POWER MOSFET
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
   N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD40NF10 STMICROELECTRONICS-STD40NF10 Datasheet
379Kb / 15P
   N-channel 100V - 0.025廓 - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
STD25NF10 STMICROELECTRONICS-STD25NF10 Datasheet
437Kb / 9P
   N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET??POWER MOSFET
STP40NF10L STMICROELECTRONICS-STP40NF10L Datasheet
272Kb / 8P
   N-CHANNEL 100V - 0.028ohm - 40A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
STP24NF10 STMICROELECTRONICS-STP24NF10 Datasheet
48Kb / 6P
   N - CHANNEL 100V - 0.07ohm - 24A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
STD10NF10 STMICROELECTRONICS-STD10NF10 Datasheet
458Kb / 14P
   N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD20NF10 STMICROELECTRONICS-STD20NF10 Datasheet
303Kb / 9P
   N-CHANNEL 100V - 0.038 ohm - 25A IPAK/DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
   N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
STD20N20 STMICROELECTRONICS-STD20N20 Datasheet
405Kb / 13P
   N-CHANNEL 200V - 0.10 OHM - 18A TO-220/TO-220FP/DPAK LOW GATE CHARGE STripFET II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com