Zakładka z wyszukiwarką danych komponentów |
|
PE325G4I71L Arkusz danych(PDF) 1 Page - Silicom Ltd. |
|
PE325G4I71L Arkusz danych(HTML) 1 Page - Silicom Ltd. |
1 / 4 page Silicom Ltd. Connectivity Solutions Page 1 PE325G4I71L Server Adapter Quad Port 25G Ethernet PCIe Server Adapter Intel® XXV710 Based Product Description Silicom’s 25 Gigabit Ethernet PCI Express server adapters are designed for Servers and high-end appliances. The Silicom 25 Gigabit Ethernet PCI Express Server adapters offer simple integration into PCI Express Bifurcation 2×8 to 25Gigabit Networks. The performance is optimized so that system I/O is not the bottleneck in high-performance networking applications. The Silicom 25 Gigabit Ethernet PCI Express server adapters are based on Intel XXV710 Ethernet controller with fully integrated Gigabit Ethernet Media Access Control (MAC), and SFI Interface. In addition to managing MAC and PHY Ethernet layer functions, the controller manages PCI Express packet traffic across its transaction, link, and physical/logical layers. Using hardware acceleration, the controller offloads tasks from the host, such as TCP/UDP/IP checksum calculations and TCP segmentation. Silicom’s 25 Gigabit Ethernet PCI-Express Server adapters are the ideal solution for implementing multiple network segments, mission-critical high-powered networking applications and environments within high performance servers. Key Features SFP28 25Gigabit Ethernet: 25Gigabit Ethernet Adapter with SFP cage support: -ZS: Fiber 25 Gigabit Ethernet 25GBASE-SR: o 25GBase-SR with 25G 850nM Small Form Factor Pluggable (SFP28) -ZL: Fiber 25 Gigabit Ethernet 25GBASE-LR: o 25GBase-LR with 25G 1310nM Small Form Factor Pluggable (SFP28) -SR: Fiber 10 Gigabit Ethernet 10GBASE-SR: o 10GBASE-SR with 10Gigabit 850nM Small form Factor Pluggable (SFP+) -LR: Fiber 10 Gigabit Ethernet 10GBASE-LR: |
Podobny numer części - PE325G4I71L |
|
Podobny opis - PE325G4I71L |