Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

PE340G1QI71 Arkusz danych(PDF) 4 Page - Silicom Ltd.

Numer części PE340G1QI71
Szczegółowy opis  Single Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILICOM [Silicom Ltd.]
Strona internetowa  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE340G1QI71 Arkusz danych(HTML) 4 Page - Silicom Ltd.

  PE340G1QI71 Datasheet HTML 1Page - Silicom Ltd. PE340G1QI71 Datasheet HTML 2Page - Silicom Ltd. PE340G1QI71 Datasheet HTML 3Page - Silicom Ltd. PE340G1QI71 Datasheet HTML 4Page - Silicom Ltd. PE340G1QI71 Datasheet HTML 5Page - Silicom Ltd. PE340G1QI71 Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Data Transfer Rate:
10.3125 GBd per lane
Cables and Operating
distance:
SMF-28, 10Km
Output Transmit Power:
Maximum: 2.3 dBm per lane
Minimum: -7.0dBm per lane
Optical Receive Sensitivity:
Maximum: -9.6 dBm
Maximum Input Power:
Maximum: 2.3 dBm
Operating Systems Support
Operating system support:
Windows
Linux
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 3.0 (8 GT/sec)
Board Size:
167.6mm X 64.38mm(6.600″ X 2.535″)
PCB thickness is 0.062 inch
PCI Express Card Type:
X8 Lane
PCI Express Voltage:
+12V +- 8%
PCI Connector:
X8 Lane
Controller:
Intel XL710BM1
Holder:
Metal Bracket
Weight:
130gr (4.568 oz)
Power Consumption
–QX4:
3.600W
Power Consumption
–QS43: 4.680W
Power Consumption
–QL4:
6.600W
Operating Humidity:
0%
–90%, non-condensing


Html Pages

1  2  3  4  5  6 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn