Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

PE340G1QI71 Dane(HTML) 5 Page - Silicom Ltd.

Numer części PE340G1QI71
Szczegółowy opis  Single Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
Pobierz  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  SILICOM [Silicom Ltd.]
Strona internetowa  https://www.silicom-usa.com/
Logo 

PE340G1QI71 Datasheet(Arkusz danych) 5 Page - Silicom Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
Operating Temperature:
0°C
– 45°C (32°F – 113°F)
Storage:
-40°C
–65°C (-40°F–149°F)
EMC Certifications:
FCC 47CFR Part 15:2013, Subpart B Class B
Conducted emissions
Radiated emissions
EN 55022: 2010, Class B
Conducted disturbance at mains terminals
Conducted disturbance at telecommunication port
Radiated disturbance
EN 61000-3-2: 2006+A1(09)+A2(09)
Harmonic current emissions
EN 61000-3-3: 2008
Voltage fluctuations and flicker
EN 55024: 2010
Immunity to electrostatic discharge (ESD)
Radiated immunity to radio frequency electromagnetic field
Conducted immunity to electrical fast transients / bursts (EFT/ B)
Conducted immunity to voltage surges
Conducted immunity to disturbances induced by radio frequency field
Conducted immunity to voltage dips and short interruptions
MTBF*:
201 (Years)
*According to Telcordia SR-332 Issue 1
Environmental condition
– GB (Ground, Fixed, Controlled). Ambient temperature –
25°C. Temperature rise of 10°C above the system ambient temperature was assumed
for the cards components
LEDs
LEDs:
Link/Act: Turns on Green , Blink on Activity
(KINGBRIGHT, P/N KPHB-1608CGKSYKC, or compatible. ld : 574 nm)
Speed 40G: Turns on Green
(KINGBRIGHT, P/N KPHB-1608CGKSYKC, or compatible. ld : 574 nm)
LEDs location:
LED is located on the PCB, visible via lightpipe holes in the metal bracket holder
Connectors:
(1) QSFP+ cage: MOLEX, P/N 75586-0010, or compatible


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn