![]() |
Zakładka z wyszukiwarką danych komponentów |
|
PE340G1QI71 Dane(HTML) 1 Page - Silicom Ltd. |
|
PE340G1QI71 Datasheet(Arkusz danych) 1 Page - Silicom Ltd. |
1 / 6 page ![]() Silicom Ltd. Connectivity Solutions Page 1 PE340G1QI71 Single Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter Intel® XL710BM1 Based Product Description Silicom’s 40 Gigabit Ethernet PCI Express server adapters are designed for Servers and high-end appliances. The Silicom 40 Gigabit Ethernet PCI Express Server adapters offer simple integration into any PCI Express X8 to 40Gigabit Networks. The performance is optimized so that system I/O is not the bottleneck in high-performance networking applications. The Silicom 40 Gigabit Ethernet PCI Express server adapters are based on Intel XL710BM1 Ethernet controller with two fully integrated Gigabit Ethernet Media Access Control (MAC) and XLPPI Interface. In addition to managing MAC and PHY Ethernet layer functions, the controller manages PCI Express packet traffic across its transaction, link, and physical/logical layers. Using hardware acceleration, the controller offloads tasks from the host, such as TCP/UDP/IP checksum calculations and TCP segmentation. Silicom’s 40 Gigabit Ethernet PCI-Express Server adapters are the ideal solution for implementing multiple network segments, mission-critical high-powered networking applications and environments within high performance servers. Key Features Performance Features: Support for jumbo frame up to 9.5KB Flow control support Priority Flow Control (draft IEEE 802.1Qbb) Enhanced Transmission Selection (draft IEEE802.1az) Statistics management and RMON 802.1q VLAN support |
|