Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE340G2DBIR Arkusz danych(PDF) 5 Page - Silicom Ltd.

Numer części PE340G2DBIR
Szczegółowy opis  Dual Port Fiber 40 Gigabit Ethernet PCI Express Content Director Bypass Server Adapter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILICOM [Silicom Ltd.]
Strona internetowa  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE340G2DBIR Arkusz danych(HTML) 5 Page - Silicom Ltd.

  PE340G2DBIR Datasheet HTML 1Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 2Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 3Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 4Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 5Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 6Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 7Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 8Page - Silicom Ltd. PE340G2DBIR Datasheet HTML 9Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
Cables and Operating
distance:
SMF-28, 10Km
* Defined as half as the distance as specified in the optical transceiver
Output Transmit Power:
Maximum: 2.3 dBm per lane
Minimum: -7.0dBm per lane
Optical Receive Sensitivity:
Maximum: -9.6 dBm
Maximum Input Power:
Maximum: 2.3 dBm
Operating Systems Support
Operating system support:
Linux
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 3.0(8 GTs)
Board Size:
Standard height long add-
in card: 241.3mm X 111.15mm (9.5”X 4.376”)
PCI Express Card Type:
X16 Lane
PCI Express Voltage:
+3.3V +-9%,
+12V +- 8%
External Voltage from external
PW jack:
+12V ± 8%
PCI Connector:
Gold Finger: X16 Lane
Controller:
Intel FM10420
Holder:
Metal Bracket
Weight:
450gr (15.874oz)
Power Consumption:
20.16W: Typical Full 40GBase-SR4 Fraffic
19.44W: Typical 40GBase-SR4 Link (No Traffic)
23.28W: Typical Full 40GBase-LR4 Fraffic
22.92W: Typical 40GBase-LR4 Link (No Traffic)
19.08W: Typical Bypass Mode


Podobny numer części - PE340G2DBIR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicom Ltd.
PE340G2QI71 SILICOM-PE340G2QI71 Datasheet
551Kb / 6P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
PE340G2QI71-QL4 SILICOM-PE340G2QI71-QL4 Datasheet
551Kb / 6P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
PE340G2QI71-QS41 SILICOM-PE340G2QI71-QS41 Datasheet
551Kb / 6P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
PE340G2QI71-QS43 SILICOM-PE340G2QI71-QS43 Datasheet
551Kb / 6P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
PE340G2QI71-QX4 SILICOM-PE340G2QI71-QX4 Datasheet
551Kb / 6P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
More results

Podobny opis - PE340G2DBIR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicom Ltd.
PE3100G2DQIRM SILICOM-PE3100G2DQIRM Datasheet
971Kb / 12P
   Dual port Fiber 40/100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8 SILICOM-PE3100G2DQIR8 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR SILICOM-PE3100G2DQIR Datasheet
603Kb / 10P
   Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIRL SILICOM-PE3100G2DQIRL Datasheet
644Kb / 9P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DBIR SILICOM-PE3100G2DBIR Datasheet
587Kb / 10P
   Ethernet PCI Express Content Director Bypass Server Adapter
PE2G2BPFI35 SILICOM-PE2G2BPFI35 Datasheet
785Kb / 8P
   Dual Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PE210G2BPI9 SILICOM-PE210G2BPI9 Datasheet
812Kb / 10P
   Dual Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
PE340G2QI71 SILICOM-PE340G2QI71 Datasheet
551Kb / 6P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
PE2G4BPFI35A SILICOM-PE2G4BPFI35A Datasheet
787Kb / 8P
   Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4BPFI80 SILICOM-PE2G4BPFI80 Datasheet
531Kb / 8P
   Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com