Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

PM503BA Dane(HTML) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Numer części PM503BA
Szczegółowy opis  P-Channel Enhancement Mode MOSFET
Pobierz  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Strona internetowa  http://www.unikc.com.cn/
Logo 

PM503BA Datasheet(Arkusz danych) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PM503BA
P-Channel Enhancement Mode MOSFET
PRODUCT SUMMARY
V(BR)DSS
SOT-23(S)
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
THERMAL RESISTANCE RATINGS
UNITS
°C / W
1Pulse width limited by maximum junction temperature.
2The value of Rq
JA is measured with the device mounted on 1in
2 FR-4 board with 2oz.Copper.
PD
Power Dissipation
SYMBOL
±12
-2
A
160
°C
V
IDM
TYPICAL
-55 to 150
MAXIMUM
0.5
RqJA
LIMITS
UNITS
10
-1.5
VGS
Operating Junction & Storage Temperature Range
Tj, Tstg
0.7
W
SYMBOL
TA = 70 °C
-2A
ID
RDS(ON)
PARAMETERS/TEST CONDITIONS
Gate-Source Voltage
115mΩ @V
GS = -10V
ID
TA = 70 °C
TA = 25 °C
Pulsed Drain Current
1
-30V
Continuous Drain Current
THERMAL RESISTANCE
TA = 25 °C
Junction-to-Ambient
2
REV 1.0
1
2017/1/10


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn