Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

PK650DY Dane(HTML) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Numer części PK650DY
Szczegółowy opis  Dual N-Channel Enhancement Mode MOSFET
Pobierz  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Strona internetowa  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PK650DY Datasheet(Arkusz danych) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PK650DY Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PK650DY Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PK650DY Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PK650DY Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PK650DY Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PK650DY Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PK650DY Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PK650DY Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD PK650DY Datasheet HTML 9Page - Wuxi U-NIKC Semiconductor CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PK650DY
Dual N-Channel Enhancement Mode MOSFET
PRODUCT SUMMARY
V(BR)DSS
CH.
30V
Q2
30V
Q1
PDFN 5*6P
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
CH.
Q2
Q1
Q2
Q1
Q2
Q1
Q2
Q1
Q2
Q1
Q2
Q1
Q2
Q1
Q2
Q1
Q2
Q1
Q2
Q1
Q2
Q1
Continuous Drain Current
3
23
A
Gate-Source Voltage
V
Avalanche Current
IDM
±20
TC = 25 °C
36
TA = 25 °C
Continuous Drain Current
21
22
36A
SYMBOL
Drain-Source Voltage
Pulsed Drain Current
1
VDS
VGS
TC = 100 °C
TA = 70 °C
Avalanche Energy
17
8
10
ID
RDS(ON)
30
LIMITS
30
TC = 100 °C
28
11
TC = 25 °C
ID
21
55
10
ID
IAS
mJ
PD
W
135
52
14
14
L = 0.1mH
EAS
UNITS
UNITS
130
83
±20
83A
52
PARAMETERS/TEST CONDITIONS
2.8mΩ @V
GS = 10V
11mΩ @V
GS = 10V
36
Power Dissipation
REV 1.0
1
2017/1/5


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn