Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

PK618BA Dane(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Numer części PK618BA
Szczegółowy opis  N-Channel Enhancement Mode MOSFET
Pobierz  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Strona internetowa  http://www.unikc.com.cn/
Logo 

PK618BA Datasheet(Arkusz danych) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PK618BA
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
30
1.5
1.75
2.35
±100
nA
1
10
4.5
6.8
3.7
5.5
60
S
1330
257
154
1.6
Ω
VGS =10V
28
VGS =4.5V
15
4
7.1
19
10
40
12
59
A
1.2
V
22
nS
8
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is 26A.
LIMITS
VGS = 0V, VDS = 15V, f = 1MHz
PARAMETER
Output Capacitance
VGS = 10V , ID = 20A
VDS = 20V, VGS = 0V, TJ = 55 °C
SYMBOL
VDS = 15V,
VGS = 10V, ID = 20A
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
Gate Resistance
Qg
Total Gate Charge
2
Input Capacitance
Zero Gate Voltage Drain
Current
IGSS
VDS = VGS, ID = 250mA
VGS = 0V, ID = 250mA
Gate-Body Leakage
VGS(th)
Drain-Source Breakdown
Voltage
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
Gate Threshold Voltage
Drain-Source On-State
Resistance
1
Rg
IF = 20A, VGS = 0V
nS
VDS = 15V,
ID @ 20A, VGS = 10V, RGEN = 6Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
tr
td(off)
tf
Turn-On Delay Time
2
Qrr
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Reverse Recovery Time
IS
VSD
trr
nC
VGS = 0V, VDS = 0V, f = 1MHz
Qgs
mA
DYNAMIC
VDS = 24V, VGS = 0V
Qgd
pF
IDSS
Ciss
VDS = 5V, ID = 20A
VDS = 0V, VGS = ±20V
gfs
RDS(ON)
Forward Transconductance
1
STATIC
TEST CONDITIONS
IF = 20A, dlF/dt = 100A / μS
UNITS
Coss
Crss
VGS = 4.5V, ID = 15A
V
V(BR)DSS
REV 1.0
2
2014/7/10


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn