Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC2862A Arkusz danych(PDF) 19 Page - Analog Devices

Numer części LTC2862A
Szczegółowy opis  짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

LTC2862A Arkusz danych(HTML) 19 Page - Analog Devices

Back Button LTC2862A Datasheet HTML 14Page - Analog Devices LTC2862A Datasheet HTML 15Page - Analog Devices LTC2862A Datasheet HTML 16Page - Analog Devices LTC2862A Datasheet HTML 17Page - Analog Devices LTC2862A Datasheet HTML 18Page - Analog Devices LTC2862A Datasheet HTML 19Page - Analog Devices LTC2862A Datasheet HTML 20Page - Analog Devices LTC2862A Datasheet HTML 21Page - Analog Devices LTC2862A Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LTC2862A
19
2862af
For more information www.linear.com/LTC2862A
Failsafe O Application (Idle State = Logic O)
±60V 20Mbps Level Shifter/Isolator
DI
GND
VCC
VCC1
LTC2862A-1
VCC2
R2
±60V
R1
A
B
R1 = 200k 1%. PLACE R1 RESISTORS NEAR A AND B PINS OF RECEIVER.
R2 = 10k
C = 47pF, 5%, 50 WVDC. MAY BE OMITTED FOR DATA RATES < 100kbps.
DATA IN 1
DATA OUT 1
VCC
RO
LTC2862A-1
GND
C
A
B
2862A TA03
R1
C
D
R
PROFIBUS Compatible Line Interface
Typical applicaTions
RO
RE
DE
DI
8.2
2862A TA02
A*
R
B*
* THE POLARITY OF A AND B IN THIS DATA SHEET IS OPPOSITE THE POLARITY DEFINED BY PROFIBUS.
VCC
(4.75V TO 5.25V)
GND
LTC2862A
8.2
390
4VP-P ≤ VOD ≤ 7VP-P UP TO 1500kbps
220
390
B WIRE
A WIRE
B WIRE
A WIRE
VCC
390
220
390
VCC
100m
5.5/WIRE
VOD
D
2862A TA04
RO
DE
DI
RO
DE
DI
B
R
I1
5V
A
“A”
“B”
GND
VCC
LTC2862A
D
I2


Podobny numer części - LTC2862A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC2862A LINER-LTC2862A Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
logo
Analog Devices
LTC2862A AD-LTC2862A Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
LTC2862A-1 AD-LTC2862A-1 Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
LTC2862A-2 AD-LTC2862A-2 Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
LTC2862ACDD-1PBF AD-LTC2862ACDD-1PBF Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results

Podobny opis - LTC2862A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC2862A LINER-LTC2862A Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
logo
Analog Devices
LTC2862A AD-LTC2862A_V01 Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
logo
Linear Technology
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com