Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC2873 Arkusz danych(PDF) 24 Page - Analog Devices

Numer części LTC2873
Szczegółowy opis  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

LTC2873 Arkusz danych(HTML) 24 Page - Analog Devices

Back Button LTC2873 Datasheet HTML 20Page - Analog Devices LTC2873 Datasheet HTML 21Page - Analog Devices LTC2873 Datasheet HTML 22Page - Analog Devices LTC2873 Datasheet HTML 23Page - Analog Devices LTC2873 Datasheet HTML 24Page - Analog Devices LTC2873 Datasheet HTML 25Page - Analog Devices LTC2873 Datasheet HTML 26Page - Analog Devices LTC2873 Datasheet HTML 27Page - Analog Devices LTC2873 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC2873
24
REV B
For more information www.analog.com
TYPICAL APPLICATIONS Supply Connections and External Components Necessary for Operation Are Not Shown.
H = Logic High; L = Logic Low, X = Don’t Care (Logic High or Logic Low)
Figure 25. RS485 Configurations
2873 F25
LTC2873
RS485 TX + RX + TERM
A/DO
B/RI
DI
RO
H H H L L L
LTC2873
RS485 TX + TERM
A/DO
B/RI
DI
RO
H H H H L L
LTC2873
RS485 RX + TERM
A/DO
B/RI
DI
RO
H H L L L L
LTC2873
RS485 TX + RX
A/DO
B/RI
DI
RO
H H H L H L
LTC2873
RS485 TX
A/DO
B/RI
DI
RO
H H H H H L
LTC2873
RS485 RX
A/DO
B/RI
DI
RO
H H L L H L
120Ω
120Ω
120Ω
Figure 24. RS232 Configurations
2873 F24
5k
LTC2873
RS232 SLOW
A/DO
B/RI
DI
RO
H L L X X L
5k
LTC2873
RS232 FAST
A/DO
B/RI
DI
RO
H L H X X L
5k
LTC2873
RS232 + LOOPBACK
A/DO
B/RI
DI
RO
H L X X X H


Podobny numer części - LTC2873

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
   Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
More results

Podobny opis - LTC2873

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
   Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
   Single 5V RS232/RS422/RS485 Multiprotocol
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com