Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC3114-1 Arkusz danych(PDF) 15 Page - Analog Devices

Numer części LTC3114-1
Szczegółowy opis  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

LTC3114-1 Arkusz danych(HTML) 15 Page - Analog Devices

Back Button LTC3114-1 Datasheet HTML 11Page - Analog Devices LTC3114-1 Datasheet HTML 12Page - Analog Devices LTC3114-1 Datasheet HTML 13Page - Analog Devices LTC3114-1 Datasheet HTML 14Page - Analog Devices LTC3114-1 Datasheet HTML 15Page - Analog Devices LTC3114-1 Datasheet HTML 16Page - Analog Devices LTC3114-1 Datasheet HTML 17Page - Analog Devices LTC3114-1 Datasheet HTML 18Page - Analog Devices LTC3114-1 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
LTC3114-1
15
Rev. D
For more information www.analog.com
OPERATION
maximum average inductor current is approximately 1.7A
(typical). In buck mode, the output current is approxi-
mately equal to the inductor current, IL.
IOUT(BUCK) ≈ IL • 0.9
The SW1/SW2 forced low time on each switching cycle
briefly disconnects the inductor from VOUT and VIN result-
ing in slightly less output current in either buck or boost
mode for a given inductor current. In boost mode, the
output current is related to average inductor current and
duty cycle by:
IOUT(BOOST) ≈ IL • (1 – D)
where D is the converter duty cycle.
Since the output current in boost mode is reduced by the
duty cycle (D), the output current rating in buck mode
is always greater than in boost mode. Also, because
boost mode operation requires a higher inductor cur-
rent for a given output current compared to buck mode,
the efficiency in boost mode will be lower due to higher
IINDUCTOR2 • RDS(ON) losses in the power switches. This
will further reduce the output current capability in boost
mode. In either operating mode, however, the inductor
peak-to-peak ripple current does not play a major role
in determining the output current capability, unlike peak
current mode control.
With peak current mode control, the maximum output
current capability is reduced by the magnitude of inductor
ripple current because the peak inductor current level is the
control variable, but the average inductor current is what
determines the output current. The LTC3114 -1 measures
and controls average inductor current, and therefore, the
inductor ripple current magnitude has little effect on the
maximum current capability in contrast to an equivalent
peak current mode converter. Under most conditions in
buck mode, the LTC3114 -1 is capable of providing 1A to
the load. Under certain conditions, more output current is
possible, refer to the Typical Performance Characteristics
section for more details. In boost mode, as described
previously, the output current capability is related to the
boost ratio or duty cycle (D). For a 3.6V VIN to 5V output
application, the LTC3114-1 can provide up to 500mA to
the load. Refer to the Typical Performance Characteristics
section for more detail on output current capability.
At VC levels below 135mV, the LTC3114-1 will not com-
mand any current because the internal current sense sig-
nal has a built-in 135mV offset. Therefore, the active range
of VC is between approximately 135mV (zero current) and
1V (full current). In some applications, an external circuit
may be used to control the VC voltage level. Any such
circuit needs to have the capability to sink or source the
approximate 12µA provided by the internal error amplifier
and to pull below 135mV to disable the current command,
if necessary.
OVERLOAD CURRENT LIMIT AND ZERO CURRENT
COMPARATOR
The internal current sense waveform is also used by the
peak overload current (IPEAK) and zero current (IZERO)
comparators. The IPEAK current comparator monitors
ISENSE and halts converter operation if the inductor cur-
rent level exceeds its maximum internal threshold, which
is approximately 50% above the normal maximum current
level commanded by the current control loop. An inductor
current level of this magnitude will only occur during a
fault, such as an output short circuit or a fast VIN (line)
transient. If the IPEAK comparator is engaged, the PWM
is halted for the remainder of the switching cycle with
SW1 and SW2 held low. If VOUT is less than approximately
1.8V when the peak limit occurs, then a soft-start cycle
is initiated. In the event that the current overload is the
result of an output short-circuit condition, the LTC3114-1
will remain in a low frequency restart mode, keeping the
on-chip power dissipation to very low levels. If the short
circuit is removed, the LTC3114-1 will restart in the normal
fashion.
The LTC3114-1 exhibits discontinuous inductor current
operation at light output loads by virtue of the IZERO com-
parator circuit under most operating conditions. This
improves efficiency at light output loads if PWM mode
operation compared to continuous conduction mode. If
the internal current sense waveform transitions below the
internally set zero current threshold, the LTC3114-1 will
disconnect the inductor from VOUT, by shutting off switch
D, to prevent discharge of the output capacitor. The IZERO
circuitry is reset by the oscillator clock at the end of the
switching cycle. The IZERO comparator threshold is set


Podobny numer części - LTC3114-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 24P
   40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
More results

Podobny opis - LTC3114-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-1 LINER-LTC3115EDHD-1 Datasheet
190Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115-1 LINER-LTC3115-1_15 Datasheet
617Kb / 42P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-2 LINER-LTC3115EDHD-2 Datasheet
440Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com