Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AOD4286 Arkusz danych(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Numer części AOD4286
Szczegółowy opis  N-Channel 100 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VBSEMI [VBsemi Electronics Co.,Ltd]
Strona internetowa  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AOD4286 Arkusz danych(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  AOD4286 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AOD4286 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AOD4286 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AOD4286 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AOD4286 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AOD4286 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AOD4286 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
100
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
1
µA
VDS = 100 V, VGS = 0 V, TJ = 125 °C
50
VDS = 100 V, VGS = 0 V, TJ = 175 °C
250
On-State Drain Currentb
ID(on)
VDS =5 V, VGS = 10 V
40
A
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 3 A
0.
VGS = 10 V, ID = 3 A, TJ = 125 °C
0.
VGS = 10 V, ID = 3 A, TJ = 175 °C
0.
140
VGS = 4.5 V ID = 3 A
0.
Forward Transconductanceb
gfs
VDS = 15 V, ID = 3 A
35
S
Dynamica
Input Capacitance
Ciss
VGS = 0 V, VDS = 25 V, F = 1 MHz
950
pF
Output Capacitance
Coss
120
Reverse Transfer Capacitance
Crss
60
Total Gate Chargec
Qg
VDS = 50 V, VGS = 10 V, ID = 3 A
24
41
nC
Gate-Source Chargec
Qgs
8
Gate-Drain Chargec
Qgd
12
Gate Resistance
Rg
0.5
2.9
Turn-On Delay Timec
td(on)
VDD = 50 V, RL = 5.2 Ω
ID ≅ 3 A, VGEN = 10 V, Rg = 2.5 Ω
15
25
ns
Rise Timec
tr
50
75
Turn-Off Delay Timec
td(off)
30
45
Fall Timec
tf
60
90
Source-Drain Diode Ratings and Characteristics (TC = 25 °C)
Pulsed Current
ISM
5
A
Diode Forward Voltageb
VSD
IF = 3 A, VGS = 0 V
0.9
1.5
V
Source-Drain Reverse Recovery Time
trr
IF = 3 A, dI/dt = 100 A/µs
180
250
ns
114
1
20
1
20
1.0
2.5
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOD4286
2


Podobny numer części - AOD4286

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha & Omega Semicondu...
AOD4286 AOSMD-AOD4286 Datasheet
300Kb / 6P
   100V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOD4286 ISC-AOD4286 Datasheet
251Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD4286 DOINGTER-AOD4286 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Podobny opis - AOD4286

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com