Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EL1648MEL Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części MC100EL1648MEL
Szczegółowy opis  5 V ECL Voltage Controlled Oscillator Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL1648MEL Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button MC100EL1648MEL Datasheet HTML 5Page - ON Semiconductor MC100EL1648MEL Datasheet HTML 6Page - ON Semiconductor MC100EL1648MEL Datasheet HTML 7Page - ON Semiconductor MC100EL1648MEL Datasheet HTML 8Page - ON Semiconductor MC100EL1648MEL Datasheet HTML 9Page - ON Semiconductor MC100EL1648MEL Datasheet HTML 10Page - ON Semiconductor MC100EL1648MEL Datasheet HTML 11Page - ON Semiconductor MC100EL1648MEL Datasheet HTML 12Page - ON Semiconductor MC100EL1648MEL Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MC100EL1648
http://onsemi.com
9
VOLTAGE CONTROLLED MODE
The tank circuit configuration presented in Figure 11,
Voltage Controlled Varactor Mode, allows the VCO to be
tuned across the full operating voltage of the power supply.
Deriving from Figure 6, the tank capacitor, C, is replaced
with a varactor diode whose capacitance changes with the
voltage applied, thus changing the resonant frequency at
which the VCO tank operates as shown in Figure 3, tank
option #1. The capacitive component in Equation 1 also
needs to include the input capacitance of the device and
other circuit and parasitic elements.
Figure 11. Voltage Controlled Varactor Mode
50
70
90
110
130
150
170
190
02
46
8
10
Vin, INPUT VOLTAGE (V)
Figure 12. Plot 1. Dual Varactor MMBV609,
VIN vs. Frequency
C
L
4 (3)
VCC
3 (1)
2 (14)
VIN
FOUT
Tank #1
8 (10)
1 (12)
*
0.1
mF0.1 mF
5 (5)
6 (7) 7 (8)
VEE
0.1
mF 0.1 mF
0.01
mF
100
mF
**
1 K
W
*Use high impedance probe (>1.0 Meg
W must be used).
**The 1200
W resistor and the scope termination imped-
ance constitute a 25:1 attenuator probe. Coax shall be
CT−070−50 or equivalent.
L = Micro Metal torroid #T20−22, 8 turns #30
Enameled Copper wire (@ 40 nH)
C = MMBV609
8 pin (14 pin) lead package
When operating the oscillator in the voltage controlled
mode with Tank Circuit #1 (Figure 3), it should be noted that
the cathode of the varactor diode (D), pin 8 (for 8 lead
package) or pin 10 (for 14 lead package) should be biased at
least 1.4 V above VEE.
Typical
transfer
characteristics
employing
the
capacitance of the varactor diode (plus the input capacitance
of the device, about 6.0 pF typical) in the voltage controlled
mode is shown in Plot 1, Dual Varactor MMBV609 Vin vs.
Frequency. Figure 6, Figure 7, and Figure 8 show the
accuracy of the measured frequency with the different
variable capacitance values. The 1.0 k
W resistor in Figure 11
is used to protect the varactor diode during testing. It is not
necessary as long as the dc input voltage does not cause the
diode to become forward biased. The tuning range of the
oscillator in the voltage controlled mode may be calculated
as follows:
f max
f min
+
CD(max) ) CS
CD(min) ) CS
Where
f min +
1
2
p ( L(CD(max) ) CS )
Where
CS = Shunt Capacitance (input plus external
capacitance)
CD = Varactor Capacitance as a function of bias
voltage
Good RF and low−frequency bypassing is necessary on
the device power supply pins. Capacitors on the AGC pin
and the input varactor trace should be used to bypass the
AGC point and the VCO input (varactor diode),
guaranteeing only dc levels at these points. For output
frequency operation between 1.0 MHz and 50 MHz, a 0.1
mF
capacitor is sufficient. At higher frequencies, smaller values
of capacitance should be used; at lower frequencies, larger
values of capacitance. At high frequencies, the value of
bypass capacitors depends directly on the physical layout of
the system. All bypassing should be as close to the package
pins as possible to minimize unwanted lead inductance.
Several different capacitors may be needed to bypass
various frequencies.


Podobny numer części - MC100EL1648MEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EL1648MEL ONSEMI-MC100EL1648MEL Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648MEL ONSEMI-MC100EL1648MEL Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648MELG ONSEMI-MC100EL1648MELG Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648MELG ONSEMI-MC100EL1648MELG Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
More results

Podobny opis - MC100EL1648MEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EL1648 ONSEMI-MC100EL1648_07 Datasheet
203Kb / 16P
   5 V ECL Voltage Controlled Oscillator Amplifier
April, 2007 ??Rev. 7
MC100EL1648 ONSEMI-MC100EL1648_06 Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Zarlink Semiconductor I...
SP1648 ZARLINK-SP1648 Datasheet
184Kb / 7P
   ECL OSCILLATOR
logo
ON Semiconductor
MC10E112 ONSEMI-MC10E112_16 Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
SYNERGY MICROWAVE CORPO...
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com