Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-K101-N0002 Arkusz danych(PDF) 3 Page - Agilent(Hewlett-Packard)

Numer części HLMP-K101-N0002
Szczegółowy opis  T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-K101-N0002 Arkusz danych(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-K101-N0002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-K101-N0002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-K101-N0002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-K101-N0002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-K101-N0002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-K101-N0002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-K101-N0002 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Absolute Maximum Ratings at TA = 25°C
Parameter
Value
Peak Forward Current[1,2]
300 mA
Average Forward Current[2]
20 mA
DC Current[3]
30 mA
Power Dissipation
87 mW
Reverse Voltage (IR = 100 µA)
5 V
Transient Forward Current (10
µs Pulse)[4]
500 mA
LED Junction Temperature
110
°C
Operating Temperature Range
-20 to +100
°C
Storage Temperature Range
-55 to +100
°C
Wave Soldering Temperature [1.59 mm (0.063 in.) from body]
250
°C for 3 seconds
Lead Solder Dipping Temperature [1.59 mm (0.063 in.) from body]
260
°C for 5 seconds
Notes:
1. Maximum IPEAK at f = 1 kHz, DF = 6.7%.
2. Refer to Figure 6 to establish pulsed operating conditions.
3. Derate linearly as shown in Figure 5.
4. The transient peak current is the maximum non-recurring peak current the device can withstand without damaging the LED die and wire bonds. It is
not recommended that the device be operated at peak currents beyond the Absolute Maximum Peak Forward Current.
Electrical/Optical Characteristics at TA = 25°C
Symbol
Description
Min.
Typ.
Max.
Unit
Test Condition
VF
Forward Voltage
1.8
2.2
V
IF = 20 mA
VR
Reverse Breakdown Voltage
5.0
15.0
V
IR = 100 µA
λ
p
Peak Wavelength
645
nm
Measurement at Peak
λ
d
Dominant Wavelength
637
nm
Note 1
∆λ1/2
Spectral Line Halfwidth
20
nm
τ
S
Speed of Response
30
ns
Exponential Time
Constant, e-t/TS
C
Capacitance
30
pF
VF = 0, f = 1 MHz
R
θ
J-PIN
Thermal Resistance
260[3]
°C/W
Junction to Cathode Lead
210[4]
290[5]
η
V
Luminous Efficacy
80
Im/W
Note 2
Notes:
1. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the color of the device.
2. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = lVV, where IV is the luminous intensity in candelas and ηV is
luminous efficacy in lumens/watt.
3. HLMP-D101.
4. HLMP-D105.
5. HLMP-K101/-K105.


Podobny numer części - HLMP-K101-N0002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HLMP-K101-MP4A QT-HLMP-K101-MP4A Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
HLMP-K101-MP4B QT-HLMP-K101-MP4B Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
More results

Podobny opis - HLMP-K101-N0002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-4100 HP-HLMP-4100 Datasheet
58Kb / 6P
   T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com