Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-D101-NK002 Arkusz danych(PDF) 5 Page - Agilent(Hewlett-Packard)

Numer części HLMP-D101-NK002
Szczegółowy opis  T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-D101-NK002 Arkusz danych(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-D101-NK002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-D101-NK002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-D101-NK002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-D101-NK002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-D101-NK002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-D101-NK002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-D101-NK002 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Figure 7. Relative luminous intensity vs. angular displacement.
HLMP-D101.
Figure 8. Relative luminous intensity vs. angular displacement.
HLMP-K101.
Figure 9. Relative luminous intensity vs. angular displacement.
HLMP-D105.
Figure 10. Relative luminous intensity vs. angular displacement.
HLMP-K105.


Podobny numer części - HLMP-D101-NK002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HLMP-D101 FAIRCHILD-HLMP-D101 Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
QT Optoelectronics
HLMP-D1019-MP5 QT-HLMP-D1019-MP5 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
HLMP-D1019-MP6 QT-HLMP-D1019-MP6 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
HLMP-D1019-MP7 QT-HLMP-D1019-MP7 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
More results

Podobny opis - HLMP-D101-NK002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-4100 HP-HLMP-4100 Datasheet
58Kb / 6P
   T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com