Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-D101-NK002 Arkusz danych(PDF) 1 Page - Agilent(Hewlett-Packard)

Numer części HLMP-D101-NK002
Szczegółowy opis  T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-D101-NK002 Arkusz danych(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-D101-NK002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-D101-NK002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-D101-NK002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-D101-NK002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-D101-NK002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-D101-NK002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-D101-NK002 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Agilent
T-13/4 (5 mm), T-1 (3 mm),
High Intensity, Double Heterojunction
AlGaAs Red LED Lamps
Data Sheet
HLMP-D101/D105, HLMP-K101/K105
Description
These solid state LED lamps utilize
newly developed double
heterojunction (DH) AlGaAs/GaAs
material technology. This LED
material has outstanding light
output efficiency over a wide range
Features
• Exceptional brightness
• Wide viewing angle
• Outstanding material efficiency
• Low forward voltage
• CMOS/MOS compatible
• TTL compatible
• Deep red color
Applications
• Bright ambient lighting conditions
• Moving message panels
• Portable equipment
• General use
of drive currents. The color is
deep red at the dominant
wavelength of 637 nanometres.
These lamps may be DC or pulse
driven to achieve desired light
output.
Package Dimensions
AB
C
1.14 (0.045)
0.51 (0.020)
3.43 (0.135)
2.92 (0.115)
24.1
(0.95)
MIN.
4.70 (0.185)
4.19 (0.165)
3.17 (0.125)
2.67 (0.105)
2.79 (0.110)
2.29 (0.090)
1.52 (0.060)
1.02 (0.040)
6.35 (0.250)
5.58 (0.220)
0.55 (0.022)
0.40 (0.016)
CATHODE
0.65 (0.026) MAX.
SQ. TYP.
SHOULDER
CATHODE


Podobny numer części - HLMP-D101-NK002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HLMP-D101 FAIRCHILD-HLMP-D101 Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
QT Optoelectronics
HLMP-D1019-MP5 QT-HLMP-D1019-MP5 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
HLMP-D1019-MP6 QT-HLMP-D1019-MP6 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
HLMP-D1019-MP7 QT-HLMP-D1019-MP7 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
More results

Podobny opis - HLMP-D101-NK002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-4100 HP-HLMP-4100 Datasheet
58Kb / 6P
   T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com