Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST7FLITE30F2B6 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części ST7FLITE30F2B6
Szczegółowy opis  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
Download  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE30F2B6 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button ST7FLITE30F2B6 Datasheet HTML 7Page - STMicroelectronics ST7FLITE30F2B6 Datasheet HTML 8Page - STMicroelectronics ST7FLITE30F2B6 Datasheet HTML 9Page - STMicroelectronics ST7FLITE30F2B6 Datasheet HTML 10Page - STMicroelectronics ST7FLITE30F2B6 Datasheet HTML 11Page - STMicroelectronics ST7FLITE30F2B6 Datasheet HTML 12Page - STMicroelectronics ST7FLITE30F2B6 Datasheet HTML 13Page - STMicroelectronics ST7FLITE30F2B6 Datasheet HTML 14Page - STMicroelectronics ST7FLITE30F2B6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 167 page
background image
ST7LITE3
11/167
4 FLASH PROGRAM MEMORY
4.1 Introduction
The ST7 single voltage extended Flash (XFlash) is
a non-volatile memory that can be electrically
erased and programmed either on a byte-by-byte
basis or up to 32 bytes in parallel.
The XFlash devices can be programmed off-board
(plugged in a programming tool) or on-board using
In-Circuit Programming or In-Application Program-
ming.
The array matrix organisation allows each sector
to be erased and reprogrammed without affecting
other sectors.
4.2 Main Features
ICP (In-Circuit Programming)
IAP (In-Application Programming)
ICT (In-Circuit Testing) for downloading and
executing user application test patterns in RAM
Sector 0 size configurable by option byte
Read-out and write protection
4.3 PROGRAMMING MODES
The ST7 can be programmed in three different
ways:
– Insertion in a programming tool. In this mode,
FLASH sectors 0 and 1, option byte row and
data EEPROM (if present) can be pro-
grammed or erased.
– In-Circuit Programming. In this mode, FLASH
sectors 0 and 1, option byte row and data
EEPROM (if present) can be programmed or
erased without removing the device from the
application board.
– In-Application Programming. In this mode,
sector 1 and data EEPROM (if present) can
be programmed or erased without removing
the device from the application board and
while the application is running.
4.3.1 In-Circuit Programming (ICP)
ICP uses a protocol called ICC (In-Circuit Commu-
nication) which allows an ST7 plugged on a print-
ed circuit board (PCB) to communicate with an ex-
ternal programming device connected via cable.
ICP is performed in three steps:
Switch the ST7 to ICC mode (In-Circuit Communi-
cations). This is done by driving a specific signal
sequence on the ICCCLK/DATA pins while the
RESET pin is pulled low. When the ST7 enters
ICC mode, it fetches a specific RESET vector
which points to the ST7 System Memory contain-
ing the ICC protocol routine. This routine enables
the ST7 to receive bytes from the ICC interface.
– Download ICP Driver code in RAM from the
ICCDATA pin
– Execute ICP Driver code in RAM to program
the FLASH memory
Depending on the ICP Driver code downloaded in
RAM, FLASH memory programming can be fully
customized (number of bytes to program, program
locations, or selection of the serial communication
interface for downloading).
4.3.2 In Application Programming (IAP)
This mode uses an IAP Driver program previously
programmed in Sector 0 by the user (in ICP
mode).
This mode is fully controlled by user software. This
allows it to be adapted to the user application, (us-
er-defined strategy for entering programming
mode, choice of communications protocol used to
fetch the data to be stored etc.)
IAP mode can be used to program any memory ar-
eas except Sector 0, which is write/erase protect-
ed to allow recovery in case errors occur during
the programming operation.
1


Podobny numer części - ST7FLITE30F2B6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST7FLITE-SK/RAIS STMICROELECTRONICS-ST7FLITE-SK/RAIS Datasheet
1Mb / 125P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7FLITE-SK/RAIS STMICROELECTRONICS-ST7FLITE-SK/RAIS Datasheet
76Kb / 4P
   Raisonance?셲 complete, low-cost starter kits for ST7
ST7FLITE-SK/RAIS2 STMICROELECTRONICS-ST7FLITE-SK/RAIS2 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FLITE02 STMICROELECTRONICS-ST7FLITE02 Datasheet
1Mb / 125P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7FLITE02 STMICROELECTRONICS-ST7FLITE02 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results

Podobny opis - ST7FLITE30F2B6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
   8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
ST7FLIT15BF1M6 STMICROELECTRONICS-ST7FLIT15BF1M6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com